전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8191 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8191
상세설명  4:1 HDMI/DVI Switch with Equalization
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8191 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8191_15 Datasheet HTML 7Page - Analog Devices AD8191_15 Datasheet HTML 8Page - Analog Devices AD8191_15 Datasheet HTML 9Page - Analog Devices AD8191_15 Datasheet HTML 10Page - Analog Devices AD8191_15 Datasheet HTML 11Page - Analog Devices AD8191_15 Datasheet HTML 12Page - Analog Devices AD8191_15 Datasheet HTML 13Page - Analog Devices AD8191_15 Datasheet HTML 14Page - Analog Devices AD8191_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD8191
Rev. 0 | Page 11 of 32
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input
swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 1.65 Gbps, unless
otherwise noted.
0.5
0.6
0
035
0.6
0
025
HDMI CABLE LENGTH (m)
HDMI CABLE LENGTH (m)
0.4
0.3
0.2
0.1
5
10152025
30
2m CABLE = 30AWG
5m TO 10m CABLES = 28AWG
15m TO 30m CABLES = 24AWG
720p,
EQ = 12dB
1080p,
EQ = 12dB
480p,
EQ = 12dB
1.65Gbps,
EQ = 12dB
DATA RATE (Gbps)
Figure 14. Jitter vs. Input Cable Length (See Figure 4 for Test Setup)
60
0
01.8
50
40
30
20
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
DJ (p-p)
RJ (rms)
1.65Gbps
1080p
1080i/720p
480p
480i
Figure 15. Jitter vs. Data Rate
70
0
3.0
3.6
SUPPLY VOLTAGE (V)
60
50
40
30
20
10
3.1
3.2
3.3
3.4
3.5
DJ (p-p)
RJ (rms)
Figure 16. Jitter vs. Supply Voltage
2m CABLE = 30AWG
5m TO 10m CABLES = 28AWG
15m TO 20m CABLES = 24AWG
0.5
0.4
0.3
0.2
0.1
720p, PE OFF
5
101520
1080p, MAX PE
720p, MAX PE
480p, PE OFF
480p, MAX PE
1080p, PE OFF
1200
0
01.8
DATA RATE (Gbps)
Figure 17. Jitter vs. Output Cable Length (See Figure 9 for Test Setup)
1000
800
600
400
200
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 18. Eye Height vs. Data Rate
800
0
3.0
3.6
SUPPLY VOLTAGE (V)
700
600
500
400
300
200
100
3.1
3.2
3.3
3.4
3.5
Figure 19. Eye Height vs. Supply Voltage


유사한 부품 번호 - AD8191_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8191-EVAL AD-AD8191-EVAL Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A-EVALZ1 AD-AD8191A-EVALZ1 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results

유사한 설명 - AD8191_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com