전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8230 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8230
상세설명  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8230 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8230_15 Datasheet HTML 4Page - Analog Devices AD8230_15 Datasheet HTML 5Page - Analog Devices AD8230_15 Datasheet HTML 6Page - Analog Devices AD8230_15 Datasheet HTML 7Page - Analog Devices AD8230_15 Datasheet HTML 8Page - Analog Devices AD8230_15 Datasheet HTML 9Page - Analog Devices AD8230_15 Datasheet HTML 10Page - Analog Devices AD8230_15 Datasheet HTML 11Page - Analog Devices AD8230_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8230
Rev. B | Page 8 of 16
TEMPERATURE (°C)
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
–50
–30
–10
10
30
50
70
90
110
130
±8V
±5V
Figure 16. Clock Frequency vs. Temperature
COMMON-MODE VOLTAGE (V)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–2
0
–6
–4
2
4
6
–40°C
+25°C
+85°C
0°C
+125°C
Figure 17. Average Input Bias Current vs. Common-Mode Voltage,
−40°C, +25°C, +85°C, +125°C
TEMPERATURE (°C)
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0
–50
50
100
150
±8V
±5V
Figure 18. Supply Current vs. Temperature
100
10
1k
10k
100k
FREQUENCY (Hz)
–10
0
10
20
30
40
50
60
70
80
90
Figure 19. Gain vs. Frequency, G = 2
100
10
1k
10k
100k
FREQUENCY (Hz)
–10
0
10
20
30
40
50
60
70
80
90
Figure 20. Gain vs. Frequency, G = 10
VOUT (V)
–40
–30
–20
–10
0
10
20
30
40
–5
–4
–3
–2
–1
0
1
2
3
4
5
G = +20
Figure 21. Gain Nonlinearity, G = 20


유사한 부품 번호 - AD8230_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
More results

유사한 설명 - AD8230_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com