전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8309 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8309
상세설명  5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8309 데이터시트(HTML) 4 Page - Analog Devices

  AD8309_15 Datasheet HTML 1Page - Analog Devices AD8309_15 Datasheet HTML 2Page - Analog Devices AD8309_15 Datasheet HTML 3Page - Analog Devices AD8309_15 Datasheet HTML 4Page - Analog Devices AD8309_15 Datasheet HTML 5Page - Analog Devices AD8309_15 Datasheet HTML 6Page - Analog Devices AD8309_15 Datasheet HTML 7Page - Analog Devices AD8309_15 Datasheet HTML 8Page - Analog Devices AD8309_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. B
ENABLE VOLTAGE – V
100
0.00001
0.5
2.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
10
1
0.1
0.01
0.001
0.0001
+25 C
+85 C
–40 C
Figure 1. Supply Current vs. Enable Voltage @
TA = –40°C, +25°C and +85°C
VLOG
500mV PER
VERTICAL
DIVISION
500ns PER HORIZONTAL
DIVISION
GROUND REFERENCE
5V PER
VERTICAL
DIVISION
ENBL
–13dBV
–33dBV
–53dBV
–73dBV
–93dBV
Figure 2. Power On/Off Response Time with RF Input of
–93 dBV to –13 dBV
VLOG
INPUT
500mV PER
VERTICAL DIVISION
200ns PER HORIZONTAL
DIVISION
GROUND REFERENCE
500mV PER
VERTICAL DIVISION
Figure 3. Large Signal RSSI Pulse Response with
CL = 100 pF and RL = 50 Ω and 75 Ω (Curves Overlap)
AD8309–Typical Performance Characteristics
–4–
GROUND REFERENCE
100ns PER HORIZONTAL
DIVISION
500mV PER
VERTICAL DIVISION
+10dBm INPUT
LEVEL SHOWN
HERE
VLOG
500mV PER
VERTICAL
DIVISION
Figure 4. RSSI Pulse Response for Inputs Stepped from
Zero to –63 dBV, –43 dBV, –23 dBV, –3 dBV
GROUND REFERENCE
VLOG
INPUT
500mV PER
VERTICAL
DIVISION
100ns PER HORIZONTAL
DIVISION
1V PER VERTICAL
DIVISION
Figure 5. Large Signal RSSI Pulse Response with RL = 100 Ω
and CL = 33 pF, 100 pF and 330 pF (Curves Overlap)
200mV PER
VERTICAL DIVISION
100 s PER
HORIZONTAL
DIVISION
27pF
3300pF
GROUND REFERENCE
270pF
VLOG
Figure 6. Small Signal AC Response of RSSI Output with
External Filter Capacitance of 27 pF, 270 pF and 3300 pF


유사한 부품 번호 - AD8309_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8309-EVAL AD-AD8309-EVAL Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309-EVAL AD-AD8309-EVAL Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309ARU AD-AD8309ARU Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309ARU AD-AD8309ARU Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309ARU-REEL AD-AD8309ARU-REEL Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results

유사한 설명 - AD8309_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606 Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606_15 Datasheet
452Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8306 AD-AD8306_15 Datasheet
401Kb / 16P
   5 MHz??00 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com