전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8333 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8333
상세설명  DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8333 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8333_15 Datasheet HTML 5Page - Analog Devices AD8333_15 Datasheet HTML 6Page - Analog Devices AD8333_15 Datasheet HTML 7Page - Analog Devices AD8333_15 Datasheet HTML 8Page - Analog Devices AD8333_15 Datasheet HTML 9Page - Analog Devices AD8333_15 Datasheet HTML 10Page - Analog Devices AD8333_15 Datasheet HTML 11Page - Analog Devices AD8333_15 Datasheet HTML 12Page - Analog Devices AD8333_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD8333
Data Sheet
Rev. E | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5 V, TA = 25°C, f4LO = 20 MHz, fLO = 5 MHz, fRF = 5.01 MHz, fBB = 10 kHz, PLO ≥ 0 dBm (50 Ω); single-ended sine wave;
per channel performance, differential voltages, dBm (50 Ω), phase select code = 0000, unless otherwise noted (see Figure 41).
1.5
–1.5
–2.0
2.0
REAL PHASE (Normalized)
1.0
0.5
0
–0.5
–1.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
CODE 0000
CODE 0100
CODE 1100
CODE 1000
CODE 0001
CODE 0010
CODE 0011
f = 1MHz
Q
I
Figure 8. Normalized Vector Plot of Phase, Channel 2 with Respect to
Channel 1; Channel 1 Is Fixed at 0°, Channel 2 Stepped 22.5°/Step,
All Codes Displayed
360
0
0000
1111
CODE (Binary)
315
270
225
180
135
90
45
0010
0100
0110
1000
1010
1100
1110
1MHz
5MHz
Figure 9. Phase of Channel 2 with Respect to Channel 1 vs. Code
at 1 MHz and 5 MHz
1.0
–1.0
0000
1111
CODE (Binary)
0.5
0
–0.5
–1.0
1.0
0.5
0
–0.5
0010
0100
0110
1000
1010
1100
1110
f = 5MHz
f = 1MHz
Figure 10. Amplitude Error of Channel 2 with Respect to Channel 1 vs. Code
at 1 MHz and 5 MHz
2
–2
0000
1111
CODE (Binary)
1
0
–1
–2
2
1
0
–1
0010
0100
0110
1000
1010
1100
1110
f = 5MHz
f = 1MHz
Figure 11. Phase Error of Channel 2 with Respect to Channel 1 vs.
Code at 1 MHz and 5 MHz
20µs
500mV
Figure 12. I or Q Output of Channel 2 with Respect to Channel 1,
First Quadrant Shown
7
3
1M
50M
RF FREQUENCY (Hz)
10M
6
5
4
CHANNEL 1, I OUTPUT SHOWN
CODE 0000
CODE 0001
CODE 0010
CODE 0011
Figure 13. Conversion Gain vs. RF Frequency, First Quadrant,
Baseband Frequency = 10 kHz


유사한 부품 번호 - AD8333_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8333-EVAL AD-AD8333-EVAL Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
AD8333ACPZ-REEL AD-AD8333ACPZ-REEL Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
AD8333ACPZ-REEL7 AD-AD8333ACPZ-REEL7 Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
AD8333ACPZ-WP AD-AD8333ACPZ-WP Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
More results

유사한 설명 - AD8333_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8333 AD-AD8333 Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
   DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Tyco Electronics
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
   E-Series I/Q Demodulator 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com