전자부품 데이터시트 검색엔진 |
|
HLMP-1520-KO000 데이터시트(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
HLMP-1520-KO000 데이터시트(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 8 page 7 Intensity Bin Limits, continued Intensity Range (mcd) Color Bin Min. Max. E 7.6 12.0 F 12.0 19.1 G 19.1 30.7 H 30.7 49.1 I 49.1 78.5 J 78.5 125.7 K 125.7 201.1 L 201.1 289.0 Green M 289.0 417.0 N 417.0 680.0 O 680.0 1100.0 P 1100.0 1800.0 Q 1800.0 2700.0 R 2700.0 4300.0 S 4300.0 6800.0 T 6800.0 10800.0 U 10800.0 16000.0 V 16000.0 25000.0 W 25000.0 40000.0 Intensity Bin Limits Intensity Range (mcd) Color Bin Min. Max. G 9.7 15.5 H 15.5 24.8 I 24.8 39.6 J 39.6 63.4 K 63.4 101.5 L 101.5 162.4 M 162.4 234.6 N 234.6 340.0 O 340.0 540.0 Red P 540.0 850.0 Q 850.0 1200.0 R 1200.0 1700.0 S 1700.0 2400.0 T 2400.0 3400.0 U 3400.0 4900.0 V 4900.0 7100.0 W 7100.0 10200.0 X 10200.0 14800.0 Y 14800.0 21400.0 Z 21400.0 30900.0 F 10.3 16.6 G 16.6 26.5 H 26.5 42.3 I 42.3 67.7 J 67.7 108.2 K 108.2 173.2 L 173.2 250.0 Yellow M 250.0 360.0 N 360.0 510.0 O 510.0 800.0 P 800.0 1250.0 Q 1250.0 1800.0 R 1800.0 2900.0 S 2900.0 4700.0 T 4700.0 7200.0 U 7200.0 11700.0 V 11700.0 18000.0 W 18000.0 27000.0 Maximum tolerance for each bin limit is ± 18%. |
유사한 부품 번호 - HLMP-1520-KO000 |
|
유사한 설명 - HLMP-1520-KO000 |