전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8369 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8369
상세설명  45 dB Digitally Controlled VGA LF to 600 MHz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8369 데이터시트(HTML) 1 Page - Analog Devices

  AD8369_15 Datasheet HTML 1Page - Analog Devices AD8369_15 Datasheet HTML 2Page - Analog Devices AD8369_15 Datasheet HTML 3Page - Analog Devices AD8369_15 Datasheet HTML 4Page - Analog Devices AD8369_15 Datasheet HTML 5Page - Analog Devices AD8369_15 Datasheet HTML 6Page - Analog Devices AD8369_15 Datasheet HTML 7Page - Analog Devices AD8369_15 Datasheet HTML 8Page - Analog Devices AD8369_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
AD8369
45 dB Digitally Controlled VGA
LF to 600 MHz
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2002 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAM
BIAS
GAIN CODE DECODE
FILT
VPOS
PWUP
SENB
DENB
BIT3
BIT0
BIT2
BIT1
OPHI
OPLO
CMDC
COMM
COMM
INLO
INHI
Gm CELLS
3dB STEP
FEATURES
Digitally Controlled Variable Gain in 3 dB Steps
–5 dB to +40 dB (RL = 1 k )
–10 dB to +35 dB (RL = 200
)
Less than 0.2 dB Flatness over a +20 MHz Bandwidth
up to 380 MHz
4-Bit Parallel or 3-Wire Serial Interface
Differential 200
Input and Output Impedance
Single 3.0 V–5.5 V Supply
Draws 37 mA at 5 V
Power-Down <1 mA Maximum
APPLICATIONS
Cellular/PCS Base Stations
IF Sampling Receivers
Fixed Wireless Access
Wireline Modems
Instrumentation
OPHI and OPLO. The overall gain depends upon the source
and load impedances due to the resistive nature of the input and
output ports.
Digital control of the AD8369 is achieved using either a serial or
a parallel interface. The mode of digital control is selected by
connecting a single pin (SENB) to ground or the positive sup-
ply. Digital control pins can be driven with standard CMOS
logic levels.
The AD8369 may be powered on or off by a logic level applied
to the PWUP pin. For a logic high, the chip powers up rapidly
to its nominal quiescent current of 37 mA at 25ºC. When low,
the total dissipation drops to less than a few milliwatts.
The AD8369 is fabricated on an Analog Devices proprietary, high
performance 25 GHz silicon bipolar IC process and is available
in a 16-lead TSSOP package for the industrial temperature range
of –40
∞C to +85∞C. A populated evaluation board is available.
PRODUCT DESCRIPTION
The AD8369 is a high performance digitally controlled variable
gain amplifier (VGA) for use from low frequencies to a –3 dB
frequency of 600 MHz at all gain codes. The AD8369 delivers
excellent distortion performance: the two-tone, third-order
intermodulation distortion is –69 dBc at 70 MHz for a 1 V p-p
composite output into a 1 k
W load. The AD8369 has a nominal
noise figure of 7 dB when at maximum gain, then increases with
decreasing gain. Output IP3 is +19.5 dBm at 70 MHz into a
1 k
W load and remains fairly constant over the gain range.
The signal input is applied to pins INHI and INLO. Variable gain
is achieved via two methods. The 6 dB gain steps are implemented
using a discrete X-AMP
® structure, in which the input signal is
progressively attenuated by a 200
W R-2R ladder network that
also sets the input impedance; the 3 dB steps are implemented at
the output of the amplifier. This combination provides very
accurate 3 dB gain steps over a span of 45 dB. The output imped-
ance is set by on-chip resistors across the differential output pins,


유사한 부품 번호 - AD8369_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
More results

유사한 설명 - AD8369_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com