전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8381 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8381
상세설명  Fast, High Voltage Drive, 6-Channel Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8381 데이터시트(HTML) 5 Page - Analog Devices

  AD8381_15 Datasheet HTML 1Page - Analog Devices AD8381_15 Datasheet HTML 2Page - Analog Devices AD8381_15 Datasheet HTML 3Page - Analog Devices AD8381_15 Datasheet HTML 4Page - Analog Devices AD8381_15 Datasheet HTML 5Page - Analog Devices AD8381_15 Datasheet HTML 6Page - Analog Devices AD8381_15 Datasheet HTML 7Page - Analog Devices AD8381_15 Datasheet HTML 8Page - Analog Devices AD8381_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
AD8381
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
Description
1, 12, 19, 23, NC
No Connect
24, 43–45
2–11
DB (0:9)
Data Input
10-Bit Data Input MSB = DB (9).
13
E/O
Even/Odd Select
The active CLK edge is the rising edge when this input is held high,
and it is the falling edge when this input is held low.
Data is loaded sequentially on the rising edges of CLK when this input
is high and loaded on the falling edges when this input is low.
14
R/L
Right/Left Select
A new data loading sequence begins on the left, with Channel 0, when this
input is low, and on the right, with Channel 5, when this input is high.
15
INV
Invert
When this pin is high, the analog output voltages are above VMID.
When low, the analog output voltages are below VMID.
16
DGND
Digital Supply Return
This pin is normally connected to the analog ground plane.
17
DVCC
Digital Power Supply
Digital Power Supply.
18, 27, 31
AVCCx
Analog Power Supplies
Analog Power Supplies.
35, 42
20
STBY
Standby
When high, the internal circuits are debiased and the power
dissipation drops to a minimum.
21
BYP
Bypass
A 0.1
mF capacitor connected between this pin and AGND ensures
optimum settling time.
22, 25, 29
AGNDx
Analog Supply Returns
These pins are normally connected to the analog ground plane.
33, 37, 41
26, 28, 30,
VID5, VID4, VID3,
Analog Outputs
These pins are directly connected to the analog inputs of the LCD panel.
32, 34, 36
VID2, VID1, VID0
38
VMID
Midpoint Reference
The voltage applied between this pin and AGND sets the midpoint
reference of the analog outputs. This pin is normally connected to VCOM.
39
VREFLO
Full-Scale Reference
The voltage applied between Pins 39 and 40 sets the full-scale output voltage.
40
VREFHI
Full-Scale Reference
The voltage applied between Pins 39 and 40 sets the full-scale output voltage.
46
STSQ
Start Sequence
A new data loading sequence begins on the rising edge of CLK when
this input was high on the preceding rising edge of CLK and the E/O
input is held high.
A new data loading sequence begins on the falling edge of CLK when
this input was high on the preceding falling edge of CLK and the E/O
input is held low.
47
XFR
Data Transfer
Data is transferred to the outputs on the immediately following falling
edge of CLK when this input is high on the rising edge of CLK.
48
CLK
Clock
Clock Input.
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
VID0
AVCC0, 1
VID1
AGND1, 2
VID2
AVCC2, 3
VID3
NC
DB0
DB1
DB2
DB3
DB4
DB5
NC = NO CONNECT
DB6
DB7
DB8
DB9
AGND3, 4
VID4
AVCC4, 5
VID5
AD8381
NC
AGND5


유사한 부품 번호 - AD8381_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8381-EB AD-AD8381-EB Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381AST AD-AD8381AST Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381AST-REEL AD-AD8381AST-REEL Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381JST AD-AD8381JST Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
More results

유사한 설명 - AD8381_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8380 AD-AD8380_15 Datasheet
211Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output
REV. B
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
   6 channel LED drive IC
logo
Analog Devices
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
   High Performance 12-Bit, 6-Channel Output
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com