전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8383 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8383
상세설명  Low Cost 10-Bit, 6-Channel Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8383 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8383_15 Datasheet HTML 4Page - Analog Devices AD8383_15 Datasheet HTML 5Page - Analog Devices AD8383_15 Datasheet HTML 6Page - Analog Devices AD8383_15 Datasheet HTML 7Page - Analog Devices AD8383_15 Datasheet HTML 8Page - Analog Devices AD8383_15 Datasheet HTML 9Page - Analog Devices AD8383_15 Datasheet HTML 10Page - Analog Devices AD8383_15 Datasheet HTML 11Page - Analog Devices AD8383_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8383
Rev. 0 | Page 8 of 16
THEORY OF OPERATION
TRANSFER FUNCTION AND ANALOG OUTPUT VOLTAGE
The DecDriver has two regions of operation: where the video
output voltages are either above or below a reference voltage
VMID, and where VMID = (V1 + V2)/2. The transfer function
defines the analog output voltage as the function of the digital
input code as follows:
×
=
1023
1
)
(
n
FS
V
V1
n
VIDx
for INV = LOW
×
+
=
1023
1
)
(
n
VFS
2
V
n
VIDx
for INV = HIGH
where n = input code
VFS = 2 × (VREFHI – VREFLO)
A number of internal limits define the usable range of the
analog output voltages, VIDx, as shown in Figure 5.
To best correlate transfer function errors to image artifacts, the
overall accuracy of the DecDriver is defined by two parameters,
VDE and VCME.
VDE, the differential error voltage, measures the difference
between the rms value of the output and the rms value of the
ideal. The defining expression is
[
][
]
VFS
n
1
V
n
VOUTP
2
V
n
VOUTN
n
VDE
×
⎛ −
=
1023
1
2
)
(
)
(
)
(
VCME, the common-mode error voltage, measures ½ the dc
bias of the output. The defining expression is
()
⎥⎦
⎢⎣
+
+
=
2
)
(
)
(
2
1
2
1
)
(
2
V
1
V
n
VOUTP
n
VOUTN
n
VCME
INPUT CODE
AGND
V1 – VFS
V1
V2
VMID
V2 + VFS
AVCC
0
1023
0
≤ V
FS ≤ 5.5V
0
≤ V
FS ≤ 5.5V
5V
≤ V2 ≤ (AVCC – 4)
VMID = (V1+V2)/2
2VREFHI–VREFLO
5V
≤ V1 ≤
(AVCC – 4)
9V
≤ AVCC ≤ 18V
≥ 1.3V
≥ 1.3V
INV = HIGH
INV = LOW
INTERNAL LIMITS AND
USABLE VOLTAGE RANGES
Figure 5. Transfer Function, VIDx vs. Input Code, Internal Limits and Usable Output Voltage Range


유사한 부품 번호 - AD8383_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8383ACPZ AD-AD8383ACPZ Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
More results

유사한 설명 - AD8383_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD561JNZ AD-AD561JNZ Datasheet
213Kb / 8P
   Low Cost 10-Bit Low Cost 10-Bit
REV. A
logo
ECS, Inc.
ECS-100X ECS-ECS-100X_14 Datasheet
183Kb / 2P
   10 TTL output load Low cost
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD7533JNZ AD-AD7533JNZ Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD561 AD-AD561_15 Datasheet
213Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561_17 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com