전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8532 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8532
상세설명  Single-Supply Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8532 데이터시트(HTML) 1 Page - Analog Devices

  AD8532_15 Datasheet HTML 1Page - Analog Devices AD8532_15 Datasheet HTML 2Page - Analog Devices AD8532_15 Datasheet HTML 3Page - Analog Devices AD8532_15 Datasheet HTML 4Page - Analog Devices AD8532_15 Datasheet HTML 5Page - Analog Devices AD8532_15 Datasheet HTML 6Page - Analog Devices AD8532_15 Datasheet HTML 7Page - Analog Devices AD8532_15 Datasheet HTML 8Page - Analog Devices AD8532_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Cost, 250 mA Output,
Single-Supply Amplifiers
AD8531/AD8532/AD8534
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 2.7 V to 6 V
High output current: ±250 mA
Low supply current: 750 μA/amplifier
Wide bandwidth: 3 MHz
Slew rate: 5 V/μs
No phase reversal
Low input currents
Unity gain stable
Rail-to-rail input and output
APPLICATIONS
Multimedia audio
LCD drivers
ASIC input or output amplifiers
Headphone drivers
GENERAL DESCRIPTION
The AD8531, AD8532, and AD8534 are single, dual, and quad
rail-to-rail input/output single-supply amplifiers featuring
250 mA output drive current. This high output current makes
these amplifiers excellent for driving either resistive or capacitive
loads. AC performance is very good with 3 MHz bandwidth,
5 V/μs slew rate, and low distortion. All are guaranteed to operate
from a 3 V single supply as well as a 5 V supply.
The very low input bias currents enable the AD853x to be used for
integrators, diode amplification, and other applications requiring
low input bias current. Supply current is only 750 μA per
amplifier at 5 V, allowing low current applications to control
high current loads.
Applications include audio amplification for computers, sound
ports, sound cards, and set-top boxes. The AD853x family is
very stable, and it is capable of driving heavy capacitive loads
such as those found in LCDs.
The ability to swing rail-to-rail at the inputs and outputs enables
designers to buffer CMOS DACs, ASICs, or other wide output
swing devices in single-supply systems.
The AD8531/AD8532/AD8534 are specified over the extended
industrial temperature range (−40°C to +85°C). The AD8531 is
available in 8-lead SOIC, 5-lead SC70, and 5-lead SOT-23 packages.
The AD8532 is available in 8-lead SOIC, 8-lead MSOP, and 8-lead
TSSOP surface-mount packages. The AD8534 is available in
narrow 14-lead SOIC and 14-lead TSSOP surface-mount
packages.
PIN CONFIGURATIONS
–IN A
+IN A
V+
OUT A
V–
1
3
2
5
4
AD8531
Figure 1. 5-Lead SC70 and 5-Lead SOT-23
(KS and RJ Suffixes)
NC 1
–IN A 2
+IN A 3
V– 4
NC
8
V+
7
OUT A
6
NC
5
NC = NO CONNECT
AD8531
Figure 2. 8-Lead SOIC
(R Suffix)
AD8532
1
2
3
4
–IN A
+IN A
V–
OUT A
8
7
6
5
OUT B
–IN B
+IN B
V+
Figure 3. 8-Lead SOIC, 8-Lead TSSOP, and 8-Lead MSOP
(R, RU, and RM Suffixes)
AD8534
OUT A
–IN A
+IN A
V+
V–
+IN D
–IN D
OUT D
+IN B
–IN B
OUT B
OUT C
–IN C
+IN C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Figure 4. 14-Lead SOIC and 14-Lead TSSOP
(R and RU Suffixes)


유사한 부품 번호 - AD8532_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8532AN AD-AD8532AN Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8532AR AD-AD8532AR Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8532AR AD-AD8532AR Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8532AR-REEL AD-AD8532AR-REEL Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8532AR-REEL7 AD-AD8532AR-REEL7 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
More results

유사한 설명 - AD8532_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8531 AD-AD8531_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
AD8626 AD-AD8626_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8627 AD-AD8627_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Analog Devices
AD8625 AD-AD8625_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com