전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8648 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8648
상세설명  24 MHz Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8648 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8648_15 Datasheet HTML 2Page - Analog Devices AD8648_15 Datasheet HTML 3Page - Analog Devices AD8648_15 Datasheet HTML 4Page - Analog Devices AD8648_15 Datasheet HTML 5Page - Analog Devices AD8648_15 Datasheet HTML 6Page - Analog Devices AD8648_15 Datasheet HTML 7Page - Analog Devices AD8648_15 Datasheet HTML 8Page - Analog Devices AD8648_15 Datasheet HTML 9Page - Analog Devices AD8648_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8646/AD8647/AD8648
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VSY
Differential Input Voltage
±6 V
Output Short Circuit to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (Soldering 60 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC_N
125
43
°C/W
8-Lead MSOP
210
45
°C/W
10-Lead MSOP
200
44
°C/W
14-Lead SOIC_N
120
36
°C/W
14-Lead TSSOP
180
35
°C/W
ESD CAUTION
Rev. E | Page 6 of 20


유사한 부품 번호 - AD8648_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8648ARUZ AD-AD8648ARUZ Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
AD8648ARUZ AD-AD8648ARUZ Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648ARUZ AD-AD8648ARUZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8648ARUZ AD-AD8648ARUZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648ARUZ-REEL AD-AD8648ARUZ-REEL Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
More results

유사한 설명 - AD8648_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com