전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW29-3 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 BCW29-3
상세설명  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW29-3 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW29-3_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW29-3_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
Low current (max. 100 mA)
Low voltage (max. 32 V)
NPN complements: BCW31 and BCW32.
Absolute Maximum Ratings Ta = 25℃
Note.1:Transistor mounted on an FR4 printed-circuit board.
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-32
Collector - Emitter Voltage
VCEO
-32
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-100
Peak Collector Current
ICM
-200
Peak Base Current
IBM
-200
Collector Power Dissipation
PC
250
mW
Thermal Resistance Junction to Ambient (Note.1)
RθJA
500
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
mA
PNP Transistors
BCW29~BCW30 (KCW29~KCW30)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


유사한 부품 번호 - BCW29-3_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCW29 PHILIPS-BCW29 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 13
logo
Nexperia B.V. All right...
BCW29 NEXPERIA-BCW29 Datasheet
314Kb / 7P
   PNP general purpose transistors
2004 Jan 13
logo
KEC(Korea Electronics)
BCW29 KEC-BCW29 Datasheet
127Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Diotec Semiconductor
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
More results

유사한 설명 - BCW29-3_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com