전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW65B 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 BCW65B
상세설명  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW65B 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW65B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW65B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
BCW65 (KCW65)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
32
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 32 V , IE= 0
20
Emitter cut-off current
IEBO
VEB= 4V , IC=0
20
IC=100 mA, IB=10mA
0.3
IC= 500 mA, IB= 50mA
0.7
Base - emitter saturation voltage (Note.1)
VBE(sat) IC= 500 mA, IB= 50mA
2
DC current gain
BCW65A
35
BCW65B/BCW65C
80
DC current gain
BCW65A
75
180
DC current gain
BCW65A
100
BCW65B
160
BCW65C
250
DC current gain
BCW65A
35
100
Collector output capacitance
Cob
VCB= 6V, IE= 0,f=1MHz
12
Collector input capacitance
Cib
VEB= 0.5V, IC= 0,f=1MHz
80
Noise figure
NF
VCE= 5V, IC= 0.2mA
RS=1KΩ,f=1MHZ,BW=200Hz
10
dB
Transition frequency
fT
VCE= 10V, IC= 20mA,f=100MHz
100
MHz
pF
hFE(2)
hFE(3)
hFE(4)
VCE= 10V, IC= 100uA (Note.1)
VCE= 1V, IC= 10mA (Note.1)
VCE= 1V, IC= 100mA (Note.1)
VCE= 2V, IC= 500mA (Note.1)
V
V
nA
Collector-emitter saturation voltage (Note.1)
VCE(sat)
hFE(1)
Note.1: Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
Classification of hfe(3)
BCW65B/BCW65C
BCW65B/BCW65C
250
400
630
Type
BCW65A
BCW65B
BCW65C
Range
100-250
160-400
250-630
Marking
EA
EB
EC


유사한 부품 번호 - BCW65B

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BCW65B SIEMENS-BCW65B Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW65B INFINEON-BCW65B Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCW65B DIOTEC-BCW65B Datasheet
181Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Galaxy Semi-Conductor H...
BCW65B BILIN-BCW65B Datasheet
216Kb / 4P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
BCW65B CENTRAL-BCW65B Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

유사한 설명 - BCW65B

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com