전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX56 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 BCX56
상세설명  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX56 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX56_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX56_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
Features
High current (max. 1 A).
Low voltage (max. 80 V).
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector-base voltage
BCX54
VCBO
45
V
V
0
6
5
5
X
C
B
V
0
0
1
6
5
X
C
B
Collector-emitter voltage
BCX54
VCEO
45
V
V
0
6
5
5
X
C
B
V
0
8
6
5
X
C
B
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
5
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
1
A
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
c
k
a
e
P
CM
1.5
A
I
t
n
e
rr
u
c
e
s
a
b
k
a
e
P
BM
0.2
A
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
l
a
t
o
T
tot
1.3
W
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-65 to +150
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
g
n
it
a
r
e
p
O
amb
-65 to +150
Thermal resistance from junction to ambient
Rth(j-a)
94
K/W
Thermal resistance from junction to solder point
Rth(j-s)
14
K/W
www.kexin.com.cn
NPN
Transistors
BCX54,BCX55,BCX56
(KCX54 ,KCX55,KCX56)
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1


유사한 부품 번호 - BCX56_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BCX56 SECOS-BCX56_15 Datasheet
142Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
BCX56 WINNERJOIN-BCX56_15 Datasheet
127Kb / 1P
   PNP TRANSISTOR
More results

유사한 설명 - BCX56_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com