전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8803 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8803
상세설명  Octal 8-Bit TrimDAC with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8803 데이터시트(HTML) 3 Page - Analog Devices

  AD8803_15 Datasheet HTML 1Page - Analog Devices AD8803_15 Datasheet HTML 2Page - Analog Devices AD8803_15 Datasheet HTML 3Page - Analog Devices AD8803_15 Datasheet HTML 4Page - Analog Devices AD8803_15 Datasheet HTML 5Page - Analog Devices AD8803_15 Datasheet HTML 6Page - Analog Devices AD8803_15 Datasheet HTML 7Page - Analog Devices AD8803_15 Datasheet HTML 8Page - Analog Devices AD8803_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8801/AD8803
REV. A
–3–
ORDERING GUIDE
Package
Package
Model
FTN
Temperature
Description
Option
AD8801AN
RS
–40
°C to +85°C PDIP-16
N-16
AD8801AR
RS
–40
°C to +85°C SO-16
R-16A
AD8803AN
REFL
–40
°C to +85°C PDIP-16
N-16
AD8803AR
REFL
–40
°C to +85°C SO-16
R-16A
AD8803 PIN DESCRIPTIONS
Pin Name
Description
1VREFH
Common High-Side DAC Reference Input
2
O1
DAC Output #1, Addr = 0002
3
O2
DAC Output #2, Addr = 0012
4
O3
DAC Output #3, Addr = 0102
5
O4
DAC Output #4, Addr = 0112
6
SHDN
Reference inputs open circuit, active low, all
DAC outputs open circuit. DAC latch settings
maintained.
7
CS
Chip Select Input, active low. When CS returns
high, data in the serial input register is decoded
based on the address bits and loaded into the tar-
get DAC register.
8
GND
Ground
9VREFL
Common Low-Side DAC Reference Input
10
CLK
Serial Clock Input, Positive Edge Triggered
11
SDI
Serial Data Input
12
O5
DAC Output #5, Addr = 1002
13
O6
DAC Output #6, Addr = 1012
14
O7
DAC Output #7, Addr = 1102
15
O8
DAC Output #8, Addr = 1112
16
VDD
Positive power supply, specified for operation at
both +3 V and +5 V.
ABSOLUTE MAXIMUM RATINGS
(TA = +25°C, unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3, +8 V
VREFX to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, VDD
Outputs (Ox) to GND . . . . . . . . . . . . . . . . . . . . . . . . 0 V, VDD
Digital Input Voltage to GND . . . . . . . . . . . . . . . . . . 0 V, VDD
Operating Temperature Range . . . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature (TJ MAX) . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
Package Power Dissipation . . . . . . . . . . . . . (TJ MAX – TA)/θJA
Thermal Resistance
θ
JA,
SOIC (SO-16) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
°C/W
P-DIP (N-16) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
°C/W
AD8801 PIN DESCRIPTIONS
Pin Name
Description
1VREFH
Common DAC Reference Input
2
O1
DAC Output #1, Addr = 0002
3
O2
DAC Output #2, Addr = 0012
4
O3
DAC Output #3, Addr = 0102
5
O4
DAC Output #4, Addr = 0112
6
SHDN
Reference input open circuit, active low, all
DAC outputs open circuit. DAC latch settings
maintained.
7
CS
Chip Select Input, active low. When CS returns
high, data in the serial input register is decoded
based on the address bits and loaded into the tar-
get DAC register.
8
GND
Ground
9
CLK
Serial Clock Input, Positive Edge Triggered
10
SDI
Serial Data Input
11
O5
DAC Output #5, Addr = 1002
12
O6
DAC Output #6, Addr = 1012
13
O7
DAC Output #7, Addr = 1102
14
O8
DAC Output #8, Addr = 1112
15
RS
Asynchronous preset to midscale output setting,
active low. Loads all DAC latches with 80H.
16
VDD
Positive power supply, specified for operation at
both +3 V and +5 V.
PIN CONFIGURATIONS
VREFH
O1
VDD
RS
O4
SHDN
CS
O6
O5
SDI
O2
O3
O8
O7
GND
CLK
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
AD8801
VREFH
O1
VDD
O8
O4
SHDN
CS
O5
SDI
CLK
O2
O3
O7
O6
GND
VREFL
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
AD8803
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


유사한 부품 번호 - AD8803_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8803AN AD-AD8803AN Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803AN AD-AD8803AN Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803AR AD-AD8803AR Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803AR AD-AD8803AR Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803ARZ AD-AD8803ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
More results

유사한 설명 - AD8803_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8801ARZ AD-AD8801ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803ARZ AD-AD8803ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801 AD-AD8801 Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801 AD-AD8801_15 Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC
REV. A
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com