전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9040A 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9040A
상세설명  10-Bit 40 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9040A 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9040A_15 Datasheet HTML 5Page - Analog Devices AD9040A_15 Datasheet HTML 6Page - Analog Devices AD9040A_15 Datasheet HTML 7Page - Analog Devices AD9040A_15 Datasheet HTML 8Page - Analog Devices AD9040A_15 Datasheet HTML 9Page - Analog Devices AD9040A_15 Datasheet HTML 10Page - Analog Devices AD9040A_15 Datasheet HTML 11Page - Analog Devices AD9040A_15 Datasheet HTML 12Page - Analog Devices AD9040A_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. D
AD9040A
–9–
Some applications may require greater accuracy, improved
temperature performance, or adjustment of the gain (input
range) of the AD9040A, which cannot be obtained by using the
internal reference. For these applications, an external 2.5 V
reference can be used, as shown in Figure 4. The VREF input
requires 5
µA of drive current.
REF
AMP
BAND GAP
REFERENCE
REFERENCE
AD9040A
VOUT
VREF
–VS
BPREF
REFERENCE
0.1 F
0.1 F
Figure 4. Using External Reference
In applications using multiple AD9040As, slaving the reference
inputs to a single reference output will improve gain tracking
among the ADCs, as shown in Figure 5.
VOUT
VREF
AD9040A
–VS
–VS
–VS
VREF
AD9040A
VREF
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
AD9040A
BPREF
BPREF
BPREF
Figure 5. Slaving Multiple AD9040As to a Single
Internal Reference
In the Specifications table, the gain temperature coefficient
parameter under dc accuracy applies to the ADC when the inter-
nal reference is being used. If an external reference is used, its
temperature coefficient must be taken into account to deter-
mine overall temperature performance.
The input range can be varied by adjusting the reference voltage
applied to the AD9040A. By decreasing the reference voltage,
the gain can be reduced approximately 10% with no degrada-
tion in performance. Increasing the reference voltage increases
the gain, but for proper operation, the reference voltage should
not exceed 2.6 V.
Time-Gain Control ADC
Ultrasound and sonar systems require an increase in gain versus
time. This allows the system to correct for attenuation of return
pulses. Figure 6 shows the AD600/AD602 amplifier and the
AD9040A ADC configured as a time-gain control analog-to-
digital converter. The control voltage ramps from –625 mV to
+625 mV, permitting 40 dB of gain-control range. The voltage
used for gain control can be either a linear ramp or the output
of a voltage-output DAC, such as the AD7242.
–625mV
+625mV
GAIN CONTROL
VOLTAGE
AD600/AD602
A1H1
AD9040A
Figure 6. Ultrasound/Sonar Time-Gain Control
ADC using X-AMP™
Transient Response
Figure 7 illustrates the method for evaluating ADC transient
performance. Two synthesizers are locked in synchronization
but tuned to frequencies that are slightly offset from a 2 to 1
submultiple.
One synthesizer clocks a flat pulse network at a frequency of
19.9609375 MHz to provide the analog input signal; the other
synthesizer output is shaped to provide a CMOS 40 MHz sam-
pling clock. At the output of the AD9040A, output data reflects
an interleaved alias of the input pulse. The repetitive sampling
allows the measurement of ADC transient response as shown in
the TPCs in this data sheet.
AD9040A
MARCONI 2030
SYNTHESIZER
REF
MARCONI 2030
SYNTHESIZER
REF
19.9609375MHz
40MHz
FLAT PULSE
NETWORK
SINE
TO
CMOS
ANALOG
IN
ENCODE
OUTPUT
Figure 7. Transient Response Test


유사한 부품 번호 - AD9040A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9040A/PCB AD-AD9040A/PCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040A/PWB AD-AD9040A/PWB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJN AD-AD9040AJN Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJR AD-AD9040AJR Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040APCB AD-AD9040APCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
More results

유사한 설명 - AD9040A_15

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com