전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9050 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9050
상세설명  10-Bit, 40 MSPS/60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9050 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9050_15 Datasheet HTML 2Page - Analog Devices AD9050_15 Datasheet HTML 3Page - Analog Devices AD9050_15 Datasheet HTML 4Page - Analog Devices AD9050_15 Datasheet HTML 5Page - Analog Devices AD9050_15 Datasheet HTML 6Page - Analog Devices AD9050_15 Datasheet HTML 7Page - Analog Devices AD9050_15 Datasheet HTML 8Page - Analog Devices AD9050_15 Datasheet HTML 9Page - Analog Devices AD9050_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD9050–Typical Performance Curves
REV. B
–6–
TEMPERATURE –
°C
60
55
–40
– 20
0
20
40
60
80
59
56
54
53
58
57
ENCODE = 40 MSPS
A
IN = 10.3 MHz
52
51
50
Figure 7. SNR vs. Temperature
FREQUENCY – MHz
020
2.5
5
7.5
10
12.5
15
17.5
0
–10
–50
–60
–70
–30
–40
–20
–100
–110
–120
–80
–90
ENCODE = 40 MSPS
f1 IN = 9.5 MHz @ –7 dBFS
f2 IN = 9.9 MHz @ –7 dBFS
2f1–f2 = –65.4 dBc
2f2–f1 = –65.0 dBc
Figure 8. Two-Tone IMD
0.50
–0.25
–0.50
0.00
0.25
0.50
–0.25
–0.50
0.00
0.25
12
3
4
5
6
12
3
4
5
6
Figure 9. Differential Gain/Differential Phase
CLOCK RATE – MSPS
350
290
260
0
10
20
30
40
50
60
340
300
280
270
330
310
250
320
5V
3V
Figure 4. Power Dissipation vs. Clock Rate
1
10
100
80
74
68
62
56
50
44
38
ANALOG INPUT FREQUENCY – MHz
HD 40
SNR 40
HD 60
SNR 60
Figure 5. SNR/Distortion vs. Frequency
CLOCK RATE – MSPS
58
50
0
10
20
30
40
60
56
48
46
54
52
50
SNR
Figure 6. SNR vs. Clock Rate


유사한 부품 번호 - AD9050_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9050BR AD-AD9050BR Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050BRS AD-AD9050BRS Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050BRS-60 AD-AD9050BRS-60 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
More results

유사한 설명 - AD9050_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com