전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9059 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9059
상세설명  Dual 8-Bit, 60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9059 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9059_15 Datasheet HTML 2Page - Analog Devices AD9059_15 Datasheet HTML 3Page - Analog Devices AD9059_15 Datasheet HTML 4Page - Analog Devices AD9059_15 Datasheet HTML 5Page - Analog Devices AD9059_15 Datasheet HTML 6Page - Analog Devices AD9059_15 Datasheet HTML 7Page - Analog Devices AD9059_15 Datasheet HTML 8Page - Analog Devices AD9059_15 Datasheet HTML 9Page - Analog Devices AD9059_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
–6–
AD9059
ENCODE RATE (MSPS)
600
400
250
510
20
3040506070
8090
550
500
350
300
450
AIN = 10.3MHz, –0.5dBFS
VDD = 5V
VDD = 3V
TPC 7. Power Dissipation vs. Encode Rate
TEMPERATURE (
°C)
45.5
45.0
41.5
–45
90
025
70
43.5
43.0
42.5
42.0
44.5
44.0
SNR
SINAD
ENCODE = 60MSPS
AIN = 10.3MHz, –0.5dBFS
TPC 8. SINAD/SNR vs. Temperature
TEMPERATURE (
°C)
0
–0.2
–1.8
–45
90
025
70
–0.8
–1.2
–1.4
–1.6
–0.4
–0.6
–1.0
TPC 9. ADC Gain vs. Temperature (With External
2.5 V Reference)
TEMPERATURE (
°C)
10
9.5
–45
90
025
70
8.0
6.5
6.0
9.0
8.5
7.0
7.5
VDD = 5V
VDD = 3V
11
12
TPC 10. tPD vs. Temperature/Supply (3 V/5 V)
ENCODE HIGH PULSEWIDTH (ns)
46.0
45.5
40.5
5.8
10.9
44.5
44.0
43.5
43.0
45.0
41.0
41.5
42.0
42.5
6.7
7.5
8.4
9.2
10
SNR
ENCODE = 60MSPS
AIN = 10.3MHz, –0.5dBFS
SINAD
TPC 11. SINAD/SNR vs. Encode Pulsewidth
ANALOG FREQUENCY (MHz)
0
–2
1
500
10
100
–4
–6
–8
–10
ENCODE = 60MSPS
AIN = –0.5dBFS
–1
–3
–5
–9
–7
25
20
50
200
TPC 12. ADC Frequency Response


유사한 부품 번호 - AD9059_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results

유사한 설명 - AD9059_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Fujitsu Component Limit...
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
   D/A Converter (1-ch, 8-bit, 60 MSPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com