전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9235 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD9235
상세설명  12-Bit, 20/40/65 MSPS 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9235 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD9235_15 Datasheet HTML 6Page - Analog Devices AD9235_15 Datasheet HTML 7Page - Analog Devices AD9235_15 Datasheet HTML 8Page - Analog Devices AD9235_15 Datasheet HTML 9Page - Analog Devices AD9235_15 Datasheet HTML 10Page - Analog Devices AD9235_15 Datasheet HTML 11Page - Analog Devices AD9235_15 Datasheet HTML 12Page - Analog Devices AD9235_15 Datasheet HTML 13Page - Analog Devices AD9235_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD9235
Data Sheet
Rev. D | Page 10 of 40
EQUIVALENT CIRCUITS
AVDD
VIN+, VIN–
Figure 5. Equivalent Analog Input Circuit
AVDD
MODE
20k
Figure 6. Equivalent MODE Input Circuit
D11–D0,
OTR
DRVDD
Figure 7. Equivalent Digital Output Circuit
CLK,
PDWN
AVDD
Figure 8. Equivalent Digital Input Circuit


유사한 부품 번호 - AD9235_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9235 AD-AD9235_17 Datasheet
833Kb / 41P
   3V A/D Converter
More results

유사한 설명 - AD9235_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235 Datasheet
1Mb / 32P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. B
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com