전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9243 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9243
상세설명  Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9243 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9243_15 Datasheet HTML 2Page - Analog Devices AD9243_15 Datasheet HTML 3Page - Analog Devices AD9243_15 Datasheet HTML 4Page - Analog Devices AD9243_15 Datasheet HTML 5Page - Analog Devices AD9243_15 Datasheet HTML 6Page - Analog Devices AD9243_15 Datasheet HTML 7Page - Analog Devices AD9243_15 Datasheet HTML 8Page - Analog Devices AD9243_15 Datasheet HTML 9Page - Analog Devices AD9243_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD9243
REV. A
–6–
Typical Differential AC Characterization Curves/Plots
(AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, fSAMPLE
= 3.00 MSPS, TA = +25 C, Differential Input)
INPUT FREQUENCY – Hz
90
85
50
100k
1M
20M
10M
80
75
55
70
65
60
–0.5dBFS
–6.0dBFS
–20.0dBFS
14.7
13.8
8.0
13.0
12.2
8.8
11.3
10.5
9.7
Figure 2. SINAD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
INPUT FREQUENCY – Hz
100k
1M
20M
10M
–0.5dBFS
–20.0dBFS
14.7
13.8
8.0
13.0
12.2
8.8
11.3
10.5
9.7
90
85
80
75
70
65
60
55
50
–6.0dBFS
Figure 5. SINAD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
SAMPLE RATE – MSPS
–60
–65
–100
0.1
1
5
5V SPAN
2V SPAN
–70
–75
–95
–80
–85
–90
Figure 8. THD vs. Sample Rate
(fIN = 1.5 MHz, AIN = –0.5 dBFS,
VCM = 2.5 V)
–0.5dBFS
–6.0dBFS
–20.0dBFS
INPUT FREQUENCY – Hz
–40
–50
–100
100k
1M
20M
10M
–70
–80
–90
–60
Figure 3. THD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
–0.5dBFS
–6.0dBFS
–20.0dBFS
INPUT FREQUENCY – Hz
–40
–50
–100
100k
1M
20M
10M
–70
–80
–90
–60
Figure 6. THD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
AIN – dBFS
110
40
–60
–50
0
–40
–30
–20
–10
100
90
80
60
50
70
dBc – 5V
dBc – 2V
dBFS – 5V
dBFS – 2V
Figure 9. Single Tone SFDR
(fIN = 1.5 MHz, VCM = 2.5 V)
93
4
2
8
5
7
6
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
0
1.5
FREQUENCY – MHz
1
Figure 4. Typical FFT, fIN = 500 kHz
(Input Span = 5 V, VCM = 2.5 V)
9
3
4
2
8
5
7
6
1
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
0
1.5
FREQUENCY – MHz
Figure 7. Typical FFT, fIN = 1.50 MHz
(Input Span = 2 V, VCM = 2.5 V)
INPUT POWER LEVEL (F1 = F2) – dBFS
110
60
–40 –35
0
–30 –25 –20 –15 –10
–5
105
90
85
75
65
100
95
80
70
5V SPAN - dBFS
5V SPAN - dBc
2V SPAN - dBFS
2V SPAN - dBc
Figure 10. Dual Tone SFDR
(f1 = 0.95 MHz, f2 = 1.04 MHz,
VCM = 2.5 V)


유사한 부품 번호 - AD9243_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9243 AD-AD9243_17 Datasheet
431Kb / 25P
   Complete 14-Bit, 3.0 MSPS Complete 14-Bit, 3.0 MSPS
More results

유사한 설명 - AD9243_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9243ASZ AD-AD9243ASZ Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243 AD-AD9243 Datasheet
545Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243ASRL AD-AD9243ASRL Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com