전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9381 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD9381
상세설명  HDMI Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9381 데이터시트(HTML) 1 Page - Analog Devices

  AD9381_15 Datasheet HTML 1Page - Analog Devices AD9381_15 Datasheet HTML 2Page - Analog Devices AD9381_15 Datasheet HTML 3Page - Analog Devices AD9381_15 Datasheet HTML 4Page - Analog Devices AD9381_15 Datasheet HTML 5Page - Analog Devices AD9381_15 Datasheet HTML 6Page - Analog Devices AD9381_15 Datasheet HTML 7Page - Analog Devices AD9381_15 Datasheet HTML 8Page - Analog Devices AD9381_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
HDMI™ Display Interface
AD9381
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Internal HDCP keys
HDMI interface
Supports high bandwidth digital content protection
RGB to YCbCr 2-way color conversion
1.8 V/3.3 V power supply
100-lead Pb-free LQFP
RGB and YCbCr output formats
Digital video interface
HDMI 1.1, DVI 1.0
150 MHz HDMI receiver
Supports high bandwidth digital content protection
(HDCP 1.1)
Digital audio interface
HDMI 1.1-compatible audio interface
S/PDIF (IEC90658-compatible) digital audio output
Multichannel I2S audio output (up to 8 channels)
APPLICATIONS
Advanced TVs
HDTVs
Projectors
LCD monitors
FUNCTIONAL BLOCK DIAGRAM
DATACK
DE
VSYNC
2
2
DATACK
HSOUT
DE
R/G/B 8 × 3
OR YCbCr
YCbCr (4:2:2
OR 4:4:4)
AD9381
Rx1+
Rx1–
Rx2+
Rx2–
RxC+
RxC–
RTERM
Rx0+
Rx0–
HSYNC
R/G/B 8 × 3
HDCP KEYS
DDCSDA
S/PDIF
8-CHANNEL
I2S
MCLK
LRCLK
HDCP
SERIAL REGISTER
AND
POWER MANAGEMENT
SCL
SDA
DDCSCL
VSOUT
HDMI RECEIVER
Figure 1.
GENERAL DESCRIPTION
The AD9381 offers a high definition multimedia interface
(HDMI) receiver integrated on a single chip. Also included is
support for high bandwidth digital content protection (HDCP)
via an internal key storage.
The AD9381 contains an HDMI 1.0-compatible receiver and
supports all HDTV formats (up to 1080p) and display
resolutions up to SXGA (1280×1024 @ 75 Hz). The receiver
features an intrapair skew tolerance of up to one full clock cycle.
With the inclusion of HDCP, displays may now receive
encrypted video content. The AD9381 allows for authentication
of a video receiver, decryption of encoded data at the receiver,
and renewability of that authentication during transmission as
specified by the HDCP 1.1 protocol.
Fabricated in an advanced CMOS process, the AD9381 is
provided in a space-saving, 100-lead, surface-mount, Pb-free
plastic LQFP and is specified over the 0°C to 70°C temperature
range.


유사한 부품 번호 - AD9381_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9381/PCB AD-AD9381/PCB Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9381KSTZ-100 AD-AD9381KSTZ-100 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9381KSTZ-150 AD-AD9381KSTZ-150 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
More results

유사한 설명 - AD9381_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
   Low Power HDMI Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
   Analog/HDMI Dual Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
List of Unclassifed Man...
41728001X-3 ETC2-41728001X-3 Datasheet
637Kb / 36P
   PC, HDMI, DISPLAY PORT, SDI INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com