전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1257-G5-HF 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SA1257-G5-HF
상세설명  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1257-G5-HF 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1257-G5-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1257-G5-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1257-G5-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
PW=20µs
D.C.″ 1%
INPUT
20V
50Ω
RB
2kΩ
IB1
IB2
100µF
470µF
--5V
10IB1=--10IB2=IC=10mA
VR
+
+
RL
(For PNP, the polarity is reversed.)
OUTPUT
Switching Time Test Circuit
Typical Characterisitics
IC -- VCE
0
--2
--4
--6
--8
--10
--12
0
--10
--20
--30
--40
--50
IB=0
--0.4mA
--0.3mA
--0.2mA
--0.1mA
Collector-to-Emitter Voltage, VCE – V
IC -- VBE
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0
--10
--20
--30
--40
--50
VCE=--5V
Base-to-Emitter Voltage, VBE – V
1000
100
10
hFE -- IC
2 3
5
3
2
5
3
5
2
--0.1
--1.0
--10
2
--100
2
3
5
7
2
3
5
7
VCE=--5V
Collector Current, IC – mA
7
--10
2
3
--1.0
5
3
2
7
5
--100
2
1.0
7
10
5
3
3
2
7
5
2
Cob -- VCB
f=1MHz
Collector-to-Base Voltage, VCB
V
--
PNP Transistors
2SA1257-HF


유사한 부품 번호 - 2SA1257-G5-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SA1257-G5-HF KEXIN-2SA1257-G5-HF Datasheet
1,006Kb / 3P
   PNP Transistors
More results

유사한 설명 - 2SA1257-G5-HF

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com