전자부품 데이터시트 검색엔진 |
|
HLMP-1520-EU000 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-1520-EU000 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 8 page 3 Notes: 1. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. The dominant wavelength, λ d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = lv/ηv, where lv is the luminous intensity in candelas and η v is the luminous efficacy in lumens/watt. Electrical Characteristics at TA = 25°C Device Test Symbol Description HLMP- Min. Typ. Max. Units Conditions IV Luminous Intensity 1320 8.6 30 mcd IF = 10 mA 1321 8.6 30 (Figure 3) 1420 9.2 15 mcd IF = 10 mA 1421 9.2 15 (Figure 8) 1520 6.7 22 mcd IF = 10 mA 1521 6.7 22 (Figure 3) 2 θ1/2 Including Angle Between All 45 Deg. IF = 10 mA Half Luminous Intensity See Note 1 Points (Figures 6, 11, 16, 21) λ PEAK Peak Wavelength 132x 635 nm Measurement at Peak (Figure 1) 142X 583 152X 565 ∆λ 1/2 Spectral Line Halfwidth 132x 40 nm 142X 36 152X 28 λ d Dominant Wavelength 132x 626 nm See Note 2 (Figure 1) 142X 585 152X 569 τ s Speed of Response 132x 90 ns 142X 90 152X 500 C Capacitance 132x 11 pF VF = 0; f = 1 MHz 142X 15 152X 18 R θ J-PIN Thermal Resistance All 290 °C/W Junction to Cathode Lead VF Forward Voltage 132x 1.9 2.4 V IF = 10 mA 142X 2.0 2.4 152X 2.1 2.7 VR Reverse Breakdown All 5.0 V IR = 100 µA Voltage η V Luminous Efficacy 132x 145 lumens See Note 3 142X 500 Watt 152X 595 |
유사한 부품 번호 - HLMP-1520-EU000 |
|
유사한 설명 - HLMP-1520-EU000 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |