전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9943KCPZRL 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9943KCPZRL
상세설명  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9943KCPZRL 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9943KCPZRL Datasheet HTML 2Page - Analog Devices AD9943KCPZRL Datasheet HTML 3Page - Analog Devices AD9943KCPZRL Datasheet HTML 4Page - Analog Devices AD9943KCPZRL Datasheet HTML 5Page - Analog Devices AD9943KCPZRL Datasheet HTML 6Page - Analog Devices AD9943KCPZRL Datasheet HTML 7Page - Analog Devices AD9943KCPZRL Datasheet HTML 8Page - Analog Devices AD9943KCPZRL Datasheet HTML 9Page - Analog Devices AD9943KCPZRL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD9943/AD9944
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter (With Respect To)
Min
Max
Unit
AVDD (AVSS)
−0.3
+3.9
V
DVDD (DVSS)
−0.3
+3.9
V
DRVDD (DRVSS)
−0.3
+3.9
V
Digital Outputs (DRVSS)
−0.3
DRVDD + 0.3
V
SHP, SHD, DATACLK (DVSS)
−0.3
DVDD + 0.3
V
CLPOB, PBLK (DVSS)
−0.3
DVDD + 0.3
V
SCK, SL, SDATA DVSS (AVSS)
−0.3
DVDD + 0.3
V
REFT, REFB, CCDIN
−0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The thermal resistance of a 32-lead LFCSP package
(with the exposed bottom pad soldered to the board GND)
is θJA = 27.7°C/W.
ESD CAUTION
Rev. C | Page 6 of 20


유사한 부품 번호 - AD9943KCPZRL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9943KCPZRL1 AD-AD9943KCPZRL1 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
More results

유사한 설명 - AD9943KCPZRL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9945 AD-AD9945 Datasheet
222Kb / 16P
   Complete 12-Bit 40 MHz CCD Signal Processor
REV. A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
   COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com