전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9929 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9929
상세설명  CCD Signal Processor with Precision Timing Generator
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9929 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9929_15 Datasheet HTML 2Page - Analog Devices AD9929_15 Datasheet HTML 3Page - Analog Devices AD9929_15 Datasheet HTML 4Page - Analog Devices AD9929_15 Datasheet HTML 5Page - Analog Devices AD9929_15 Datasheet HTML 6Page - Analog Devices AD9929_15 Datasheet HTML 7Page - Analog Devices AD9929_15 Datasheet HTML 8Page - Analog Devices AD9929_15 Datasheet HTML 9Page - Analog Devices AD9929_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
AD9929
Rev. A | Page 6 of 64
Parameter
Symbol
Min
Typ
Max
Unit
V2 and V4 Outputs (See Figure 43)
Delay Times
VL to VM2
tPLM2
100
ns
VM2 to VL
tPML2
50
ns
Rise Times
VL to VM2
tR3
500
ns
Fall Times
VM2 to VL
tF3
500
ns
Output Currents
V2 or V2 @ VL =−7.25 V
10.0
mA
V2 or V4 @ VM2 = −0.25 V
−5.0
mA
SUBCK Output (See Figure 44)
Delay Times
VL to VH2
tPLH
100
ns
VH2 to VL
tPHL
50
ns
Rise Times
VL to VH2
tR4
90
ns
Fall Times
VH2 to VL
tF4
90
ns
Output Currents
SUBCK @ VL = −7.25 V
5.4
mA
SUBCK @ VH2 = 14.75 V
−4.0
mA


유사한 부품 번호 - AD9929_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9929BBCZ AD-AD9929BBCZ Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results

유사한 설명 - AD9929_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com