전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA2336-G 데이터시트(PDF) 3 Page - KODENSHI_AUK CORP.

부품명 SA2336-G
상세설명  Colorless transparency lens type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SA2336-G 데이터시트(HTML) 3 Page - KODENSHI_AUK CORP.

  SA2336-G Datasheet HTML 1Page - KODENSHI_AUK CORP. SA2336-G Datasheet HTML 2Page - KODENSHI_AUK CORP. SA2336-G Datasheet HTML 3Page - KODENSHI_AUK CORP. SA2336-G Datasheet HTML 4Page - KODENSHI_AUK CORP. SA2336-G Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AUK CORP.
SA2336-G
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
5. Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
VF
IF= 20mA
1.85
-
2.3
V
*3 Luminous intensity
IV
IF= 20mA
330
-
800
mcd
Dominant wavelength
λD
IF= 20mA
620
625
630
nm
Spectrum bandwidth
λ
IF= 20mA
-
17
-
nm
Reverse current
IR
VR=5V
-
-
10
µA
*4 Half angle
θ/2
IF= 20mA
-
±60
-
deg
*3.The test result of IF=20mA is only for reference
*4.
θ/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
◆ VF / IV / λD Grade Classification (Ta=25℃)
Test Condition @ IF=20mA
Forward Voltage [V]
Luminous Intensity [mcd]
Dominant Wavelangth
[nm]
1 : 1.85~2.1
O : 330~440
a : 615~621
2 : 2.1~2.3
P : 440~580
b : 621~628
Q : 580~800
(Each VF, IV, λD range did not consider a margin. Please refer to ±0.1V of VF range,
±18% of IV range, ±1nm of λD range as a permitted limit and do not use to combine
grade classification. It must be used separately grade classification)


유사한 부품 번호 - SA2336-G

제조업체부품명데이터시트상세설명
logo
AUK corp
SA2336-G AUK-SA2336-G Datasheet
239Kb / 5P
   High Brightness Chip LED
More results

유사한 설명 - SA2336-G

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SI3317-H KODENSHI-SI3317-H Datasheet
223Kb / 4P
   Colorless transparency lens type
SM2333T KODENSHI-SM2333T Datasheet
276Kb / 3P
   Colorless transparency lens type
SI5311-H KODENSHI-SI5311-H Datasheet
221Kb / 4P
   Colorless transparency lens type
SI5312-H KODENSHI-SI5312-H Datasheet
226Kb / 4P
   Colorless transparency lens type
SI5313-H KODENSHI-SI5313-H Datasheet
206Kb / 4P
   Colorless transparency lens type
SI5315-H KODENSHI-SI5315-H Datasheet
198Kb / 4P
   Colorless transparency lens type
SA2336-D KODENSHI-SA2336-D Datasheet
206Kb / 5P
   Colorless transparency lens type
SA2336-E KODENSHI-SA2336-E Datasheet
205Kb / 5P
   Colorless transparency lens type
SAM5370 KODENSHI-SAM5370 Datasheet
311Kb / 3P
   Colorless transparency lens type
SA3317-F KODENSHI-SA3317-F Datasheet
318Kb / 3P
   Colorless transparency lens type
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com