전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1463-K-HF 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SA1463-K-HF
상세설명  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1463-K-HF 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1463-K-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1463-K-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1463-K-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
High speed ,high voltage switching
Low collector saturaton voltage
Complementary to 2SC3736-HF
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-45
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-1
Collector Current - Pulse *
ICP
-2
Collector Power Dissipation
PC
2
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A
* : Pulsed:PW ≤ 10ms,Duty Cycle ≤ 50℅
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-45
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -60 V , IE=0
-0.5
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-0.5
Collector-emitter saturation voltage *
VCE(sat) IC=-500 mA, IB=-50 mA
-0.26 -0.6
Base - emitter saturation voltage
*
VBE(sat) IC=-500 mA, IB=-50 mA
-0.98 -1.2
hFE(1)
VCE= -10V, IC= -50mA
60
200
hFE(2)
VCE=- 10V, IC= -500mA
60
Turn-on time
ton
25
40
Storage time
tstg
46
70
Turn -off time
toff
62
100
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
11
25
pF
Transition frequency
fT
VCE= -10V, IE= 100mA
300
400
MHz
DC current gain *
V
V
uA
IC=-500mA,IB1=-IB2=-50mA
ns
* : Pulsed:PW ≤ 350us,Duty Cycle ≤ 2℅
Classification of hfe(1)
Type
2SA1463-L-HF
2SA1463-K-HF
Range
60-120
100-200
Marking
IL F
IK F
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
PNP Transistors
2SA1463-HF


유사한 부품 번호 - 2SA1463-K-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SA1463-K KEXIN-2SA1463-K Datasheet
1Mb / 3P
   PNP Transistors
More results

유사한 설명 - 2SA1463-K-HF

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com