전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9978 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD9978
상세설명  Dual-Channel, 14-Bit CCD Signal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9978 데이터시트(HTML) 1 Page - Analog Devices

  AD9978_15 Datasheet HTML 1Page - Analog Devices AD9978_15 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual-Channel, 14-Bit CCD Signal
Processor with Precision Timing Core
AD9978
Rev. SpB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Dual AFE channels
1.8 V analog and digital core supply voltage
Serial data output with reduced range LVDS outputs
Differential analog inputs
CDS or SHA configuration (CDS bypass) with
−3 dB, 0 dB, +3 dB, and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
14-bit, 65 MHz analog-to-digital converter (ADC)
Black level clamp with variable level control
Precision Timing core with 240 ps resolution @ 65 MHz
APPLICATIONS
Digital video cameras
Digital still cameras
Digital copiers
Multifunction printers
High speed industrial cameras
GENERAL DESCRIPTION
The AD9978 is a highly integrated, dual-channel CCD signal
processor for high speed digital video camera applications. Each
channel is specified at pixel rates of up to 65 MHz and consists of
a complete analog front end with ADC conversion. The Precision
Timing™ core allows adjustment of the correlated double sampler
(CDS) and sample-and-hold amplifier (SHA) clocks with 240 ps
resolution at 65 MHz operation. The AD9978 also contains a
reduced range, low voltage differential signaling (LVDS) interface
for the dual-channel data outputs.
Each analog front end includes black level clamping, a CDS,
a VGA, and a 65 MHz, 14-bit ADC. Operation is programmed
using a 3-wire serial interface.
Packaged in a space-saving, 6 mm × 6 mm, 40-lead LFCSP, the
AD9978 is specified over an operating temperature range of
−25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
INP_A
INM_A
INM_B
INP_B
–3dB, 0dB, +3dB, +6dB
–3dB, 0dB, +3dB, +6dB
CDS/
SHA
VGA
6dB TO 42dB
CLAMP
ADC
VD
HD
SDATA
SCK
CLI
CLK_OUT
DOUT0P
DOUT0N
DOUT1P
DOUT1N
DOUT2P
DOUT2N
DOUT3P
DOUT3N
TCLKP
TCLKN
SL
CLAMP
VREF
ADC
6dB TO 42dB
CDS/
SHA
VGA
PRECISION
TIMING
CORE
SYNC
GENERATOR
INTERNAL CLOCKS
INTERNAL
REGISTERS
LVDS
SERIALIZER
AD9978
Figure 1.
For more information about the AD9978, contact Analog Devices via email at afe.ccd@analog.com.


유사한 부품 번호 - AD9978_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9978A AD-AD9978A Datasheet
65Kb / 2P
   Dual-Channel, 14-Bit HD Image Signal Processor with Precision Timing Core
Rev. Sp0
AD9978A AD-AD9978A Datasheet
59Kb / 2P
   Dual-Channel, 14-Bit HD Image Signal Processor
AD9978A AD-AD9978A_10 Datasheet
59Kb / 2P
   Dual-Channel, 14-Bit HD Image Signal Processor
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
More results

유사한 설명 - AD9978_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9973 AD-AD9973_15 Datasheet
80Kb / 2P
   Dual-Channel, 14-Bit CCD Signal
Rev. SpA
AD9974 AD-AD9974_15 Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal
REV. A
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9973 AD-AD9973 Datasheet
68Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9990 AD-AD9990_15 Datasheet
62Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor and Precision Timing Core
Rev. SpB
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9942 AD-AD9942 Datasheet
653Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
REV. A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com