전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD14060L 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD14060L
상세설명  DSP Multiprocessor Family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD14060L 데이터시트(HTML) 4 Page - Analog Devices

  AD14060L_15 Datasheet HTML 1Page - Analog Devices AD14060L_15 Datasheet HTML 2Page - Analog Devices AD14060L_15 Datasheet HTML 3Page - Analog Devices AD14060L_15 Datasheet HTML 4Page - Analog Devices AD14060L_15 Datasheet HTML 5Page - Analog Devices AD14060L_15 Datasheet HTML 6Page - Analog Devices AD14060L_15 Datasheet HTML 7Page - Analog Devices AD14060L_15 Datasheet HTML 8Page - Analog Devices AD14060L_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD14060/AD14060L
Rev. B | Page 4 of 48
EXPLANATION OF TEST LEVELS
Test
Level
I
100% production tested.1
II
100% production tested at 25°C, and sample tested at
specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and analysis, and
characterization testing on discrete SHARCs.
V
Parameter is typical value only.
VI
All devices are 100% production tested at 25°C, and
sample tested at temperature extremes.
1 Link and serial ports: All are 100% tested at die level prior to assembly. All are
100% ac tested at module level; Link 4 and Serial 0 are also dc tested at the
module level. See the
section.
Timing Specifications


유사한 부품 번호 - AD14060L_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD14060LBF-4 AD-AD14060LBF-4 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
More results

유사한 설명 - AD14060L_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14160 AD-AD14160 Datasheet
1Mb / 52P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
logo
Analog Devices
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com