전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD22105 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD22105
상세설명  Low Voltage, Resistor Programmable Thermostatic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD22105 데이터시트(HTML) 5 Page - Analog Devices

  AD22105_15 Datasheet HTML 1Page - Analog Devices AD22105_15 Datasheet HTML 2Page - Analog Devices AD22105_15 Datasheet HTML 3Page - Analog Devices AD22105_15 Datasheet HTML 4Page - Analog Devices AD22105_15 Datasheet HTML 5Page - Analog Devices AD22105_15 Datasheet HTML 6Page - Analog Devices AD22105_15 Datasheet HTML 7Page - Analog Devices AD22105_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD22105
REV. 0
–5–
0.4
0.3
0.0
10µA
10mA
1mA
100µA
1µA
0.2
0.1
IOUT
TA = +150°C
TA = +25°C
TA = –40°C
Figure 9. VOUT vs. IOUT (VOUT = LOW)
FLOW RATE – CFM
16
14
2
0
1200
400
800
10
8
6
4
12
Figure 10. Thermal Response vs. Flow Rate
FLOW RATE – CFM
250
200
0
1200
400
800
150
100
50
Figure 11. Thermal Resistance vs. Flow Rate
TIME – sec
100
80
0
060
10
20
30
40
50
60
40
20
90
70
50
30
10
STILL AIR
MOVING AIR
(1200 CFM)
Figure 12. Thermal Response Time


유사한 부품 번호 - AD22105_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD22105AR AD-AD22105AR Datasheet
262Kb / 8P
   Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
AD22105AR AD-AD22105AR Datasheet
266Kb / 8P
   Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
AD22105AR-REEL7 AD-AD22105AR-REEL7 Datasheet
262Kb / 8P
   Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
AD22105AR-REEL7 AD-AD22105AR-REEL7 Datasheet
266Kb / 8P
   Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
AD22105ARZ AD-AD22105ARZ Datasheet
266Kb / 8P
   Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
More results

유사한 설명 - AD22105_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD22105 AD-AD22105 Datasheet
262Kb / 8P
   Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
AD22105ARZ AD-AD22105ARZ Datasheet
266Kb / 8P
   Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
AD22105 AD-AD22105_V01 Datasheet
232Kb / 11P
   Low Voltage, Resistor-Programmable, Thermostatic Switch
Rev. A
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com