전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD73422 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD73422
상세설명  Dual Low Power CMOS Analog Front End with DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD73422 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD73422_15 Datasheet HTML 7Page - Analog Devices AD73422_15 Datasheet HTML 8Page - Analog Devices AD73422_15 Datasheet HTML 9Page - Analog Devices AD73422_15 Datasheet HTML 10Page - Analog Devices AD73422_15 Datasheet HTML 11Page - Analog Devices AD73422_15 Datasheet HTML 12Page - Analog Devices AD73422_15 Datasheet HTML 13Page - Analog Devices AD73422_15 Datasheet HTML 14Page - Analog Devices AD73422_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
REV. 0
AD73422
–11–
Table I. PGA Settings for the Encoder Channel
IGS2
IGS1
IGS0
Gain (dB)
000
0
001
6
010
12
011
18
100
20
101
26
110
32
111
38
ADC
Both ADCs consist of an analog sigma-delta modulator and a
digital antialiasing decimation filter. The sigma-delta modu-
lator noise-shapes the signal and produces 1-bit samples at a
DMCLK/8 rate. This bitstream, representing the analog input
signal, is input to the antialiasing decimation filter. The decima-
tion filter reduces the sample rate and increases the resolution.
Analog Sigma-Delta Modulator
The AD73422’s input channels employ a sigma-delta conver-
sion technique, which provides a high resolution 16-bit output
with system filtering being implemented on-chip.
Sigma-delta converters employ a technique known as over-
sampling where the sampling rate is many times the highest
frequency of interest. In the case of the AD73422, the initial
sampling rate of the sigma-delta modulator is DMCLK/8. The
main effect of oversampling is that the quantization noise is
spread over a very wide bandwidth, up to FS/2 = DMCLK/16
(Figure 4a). This means that the noise in the band of interest is
much reduced. Another complementary feature of sigma-delta
converters is the use of a technique called noise-shaping. This
technique has the effect of pushing the noise from the band of
interest to an out-of-band position (Figure 4b). The combination
BAND
OF
INTEREST
FS/2
DMCLK/16
a.
FS/2
DMCLK/16
NOISE-SHAPING
b.
BAND
OF
INTEREST
FS/2
DMCLK/16
DIGITAL FILTER
BAND
OF
INTEREST
c.
Figure 4. Sigma-Delta Noise Reduction
of these techniques, followed by the application of a digital
filter, sufficiently reduces the noise in band to ensure good
dynamic performance from the part (Figure 4c).
Figure 5 shows the various stages of filtering that are employed
in a typical AD73422 application. In Figure 5a we see the trans-
fer function of the external analog antialias filter. Even though it
is a single RC pole, its cutoff frequency is sufficiently far away
from the initial sampling frequency (DMCLK/8) that it takes
care of any signals that could be aliased by the sampling fre-
quency. This also shows the major difference between the initial
oversampling rate and the bandwidth of interest. In Figure 5b,
the signal and noise-shaping responses of the sigma-delta modu-
lator are shown. The signal response provides further rejection
of any high frequency signals, while the noise-shaping will push
the inherent quantization noise to an out-of-band position. The
detail of Figure 5c shows the response of the digital decima-
tion filter (Sinc-cubed response) with nulls every multiple of
DMCLK/256, which corresponds to the decimation filter up-
date rate for a 64 kHz sampling. The nulls of the Sinc3 response
correspond with multiples of the chosen sampling frequency.
The final detail in Figure 5d shows the application of a final
antialias filter in the DSP engine. This has the advantage of
being implemented according to the user’s requirements and
available MIPS. The filtering in Figures 5a through 5c is imple-
mented in the AD73422.
FB = 4kHz
FSINIT = DMCLK/8
a. Analog Antialias Filter Transfer Function
FB = 4kHz
FSINIT = DMCLK/8
NOISE TRANSFER FUNCTION
SIGNAL TRANSFER FUNCTION
b. Analog Sigma-Delta Modulator Transfer Function
FB = 4kHz
FSINTER = DMCLK/256
c. Digital Decimator Transfer Function
FB = 4kHz
FSINTER = DMCLK/256
FSFINAL = 8kHz
d. Final Filter LPF (HPF) Transfer Function
Figure 5. ADC Frequency Responses


유사한 부품 번호 - AD73422_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73422BB-40 AD-AD73422BB-40 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD73422BB-80 AD-AD73422BB-80 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
More results

유사한 설명 - AD73422_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD7818ARMZ AD-AD7818ARMZ Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com