전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1588 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SK1588
상세설명  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK1588 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK1588_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK1588_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK1588_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SK1588_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
2SK1588
Features
VDS (V) = 16V
ID = 3 A
RDS(ON) < 0.3Ω (VGS = 4V)
RDS(ON) < 0.5Ω (VGS = 2.5V)
1.70 0.1
0.42 0.1
0.46 0.1
1.Gate
2.Drain
3.Source
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
16
Gate-Source Voltage
VGS
±
16
Continuous Drain Current
ID
3
Pulsed Drain Current
(Note.1)
IDM
6
Power Dissipation
PD
2
W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
Note.1: PW ≤ 10ms, Duty Cycle ≤ 50%
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
16
V
Zero Gate Voltage Drain Current
IDSS
VDS=16V, VGS=0V
1
uA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±16V
±
5
uA
Gate Cutt-off Voltage
VGS(off)
VDS=5V , ID=1mA
0.8
1.6
V
VGS=4V, ID=1.5A
0.3
VGS=2.5V, ID=1A
0.5
Forward Transconductance
gFS
VDS=3V, ID=1A
0.4
3
S
Input Capacitance
Ciss
240
Output Capacitance
Coss
250
Reverse Transfer Capacitance
Crss
60
Turn-On DelayTime
td(on)
140
Turn-On Rise Time
tr
650
Turn-Off DelayTime
td(off)
120
Turn-Off Fall Time
tf
160
Static Drain-Source On-Resistance
VGS=0V, VDS=3V, f=1MHz
pF
ns
Ω
VGS(on)=3V, VDS=3V,
ID=1.5A,RL=2Ω,RG=10Ω
RDS(On)
Marking
Marking
NG


유사한 부품 번호 - 2SK1588_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SK1588-HF KEXIN-2SK1588-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

유사한 설명 - 2SK1588_15

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com