전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADD8702 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADD8702
상세설명  12-Channel Gamma Buffers with V Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADD8702 데이터시트(HTML) 3 Page - Analog Devices

  ADD8702_15 Datasheet HTML 1Page - Analog Devices ADD8702_15 Datasheet HTML 2Page - Analog Devices ADD8702_15 Datasheet HTML 3Page - Analog Devices ADD8702_15 Datasheet HTML 4Page - Analog Devices ADD8702_15 Datasheet HTML 5Page - Analog Devices ADD8702_15 Datasheet HTML 6Page - Analog Devices ADD8702_15 Datasheet HTML 7Page - Analog Devices ADD8702_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
ADD8702
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADD8702 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec.) . . . . . . . . 300
°C
ESD Tolerance (HBM) . . . . . . . . . . . . . . . . . . . . . . .
±1,000 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADD8702ACP-R2
–40
°C to +85°C
32-Lead LFCSP
CP-32
ADD8702ACP-REEL
–40
°C to +85°C
32-Lead LFCSP
CP-32
ADD8702ACP-REEL7
–40
°C to +85°C
32-Lead LFCSP
CP-32
Package Type
JA
1
JB
2
Unit
32-Lead LFCSP (CP)
35
13
°C/W
NOTES
1
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
in circuit board for surface-mount packages.
2
ψ
JB is applied for calculating the junction temperature by reference to the board
temperature.
PIN CONFIGURATION
PIN 1
INDICATOR
TOP VIEW
24 GND
23 VDD
22 VGMA6
21 VGMA5
VDD 1
VCOM ADJ 2
VHIGH 3
20 VGMA4
19 VGMA3
18 VGMA2
17 VGMA1
VIN11 4
VIN10 5
VIN9 6
VIN8 7
VIN7 8
ADD8702
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1, 15, 23
VDD
Power (+)
2VCOM ADJ
VCOM Adjust Input
3VHIGH
Highest Gamma Input Voltage
4–13
VIN11–VIN2Gamma Buffer Inputs
14
VLOW
Lowest Gamma Input Voltage
16, 24, 31
GND
Power (–)
17–22, 25–30
VGMA1–VGMA12
Gamma Buffer Outputs
32
VCOM OUT
VCOM Buffer Output


유사한 부품 번호 - ADD8702_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD8702ACP-R2 AD-ADD8702ACP-R2 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
ADD8702ACP-REEL AD-ADD8702ACP-REEL Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
ADD8702ACP-REEL7 AD-ADD8702ACP-REEL7 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
More results

유사한 설명 - ADD8702_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8710 AD-ADD8710 Datasheet
233Kb / 12P
   10 - CHANNEL GAMMA BUFFER WITH V-COM DRIVER
REV. 0
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com