전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADD8709 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADD8709
상세설명  18-Channel Gamma Buffer with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADD8709 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADD8709_15 Datasheet HTML 4Page - Analog Devices ADD8709_15 Datasheet HTML 5Page - Analog Devices ADD8709_15 Datasheet HTML 6Page - Analog Devices ADD8709_15 Datasheet HTML 7Page - Analog Devices ADD8709_15 Datasheet HTML 8Page - Analog Devices ADD8709_15 Datasheet HTML 9Page - Analog Devices ADD8709_15 Datasheet HTML 10Page - Analog Devices ADD8709_15 Datasheet HTML 11Page - Analog Devices ADD8709_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADD8709
Rev. A | Page 8 of 16
11
10
9
8
7
6
5
4
3
2
1
0
–200
1800
1600
1400
1200
1000
800
600
400
200
0
TIME (ns)
10V PULSE
120pF
10nF
1nF
520pF
320pF
Figure 9. Gamma Buffers Load Transient Response vs. Capacitive Loading
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
17
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INPUT VOLTAGE (V)
ILOAD = 0mA
ILOAD = 5mA
ILOAD = 10mA
Figure 10. Dropout Characteristics
0
100
200
300
400
500
600
700
800
900
1000
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
OUTPUT CURRENT (mA)
Figure 11. Dropout Voltage vs. Output Current
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
–25 –15 –5
5
1525
354555657585
95 105 115
TEMPERATURE (
°C)
10mA
5mA
0mA
Figure 12. Dropout Voltage vs. Temperature
14.5
14.4
14.3
14.2
14.1
14.0
13.9
13.8
13.7
13.6
0
2
4
6
8
10
12
14
16
18
20
LOAD CURRENT (mA)
–20
°C
0
°C
+25
°C
+55
°C
+85
°C
+95
°C
+105
°C
Figure 13. Regulator Output vs. ILOAD over Temperature
14.45
14.40
14.35
14.30
14.25
14.20
–20 –10
0
1020
3040506070
8090
100 110
TEMPERATURE (
°C)
10mA
5mA
0mA
Figure 14. Regulator Output vs. Temperature


유사한 부품 번호 - ADD8709_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD8709ASTZ-REEL AD-ADD8709ASTZ-REEL Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709ASTZ-REEL7 AD-ADD8709ASTZ-REEL7 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results

유사한 설명 - ADD8709_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com