전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADD8754 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADD8754
상세설명  LCD Panel Power, V, and Gate Modulation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADD8754 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADD8754_15 Datasheet HTML 7Page - Analog Devices ADD8754_15 Datasheet HTML 8Page - Analog Devices ADD8754_15 Datasheet HTML 9Page - Analog Devices ADD8754_15 Datasheet HTML 10Page - Analog Devices ADD8754_15 Datasheet HTML 11Page - Analog Devices ADD8754_15 Datasheet HTML 12Page - Analog Devices ADD8754_15 Datasheet HTML 13Page - Analog Devices ADD8754_15 Datasheet HTML 14Page - Analog Devices ADD8754_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADD8754
Rev. 0 | Page 11 of 28
50k
Ω
25k
Ω
10k
Ω
5k
Ω
0k
Ω
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
200
300
400
500
600
700
CAPACITANCE CE (pF)
0
T
1
Ch1
2.00 V
A Ch1
12.0 V
M 40.0ns
Δ: 8.00V
@: 5.04V
Δ: 102ns
@: –83.2ns
Rising Slew Rate, VDD_2 = 14 V
Figure 15. V
Figure 17. GPM Delay Time vs. CE Capacitance
COM
1
T
Ch1
2.00 V
A Ch1
5.16 V
M 40.0ns
Δ: 8.08V
@: 9.08V
Δ: 60.8ns
@: 1.88
μs
Falling Slew Rate, VDD_2 = 14 V
Figure 16. VCOM


유사한 부품 번호 - ADD8754_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8754ACPZ-REEL AD-ADD8754ACPZ-REEL Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754ACPZ-REEL7 AD-ADD8754ACPZ-REEL7 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
More results

유사한 설명 - ADD8754_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD8754 AD-ADD8754 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8733 AD-ADD8733 Datasheet
250Kb / 16P
   Integrated TFT Panel Power Supply with Gate Modulation and VCOM
Rev. PrA
logo
Toshiba Semiconductor
BT6K48-AS TOSHIBA-BT6K48-AS Datasheet
184Kb / 18P
   Gate Driver for TFT LCD Panel
JBT6L78-AS TOSHIBA-JBT6L78-AS Datasheet
164Kb / 14P
   Gate Driver for TFT LCD Panel
logo
Lowpower Semiconductor ...
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
   LCD Bias Power for Panel
logo
Silicon Mitus, Inc.
SM4007 SILICONMITUS-SM4007 Datasheet
262Kb / 1P
   Notebook and Tablet LCD Panel Level-shifter with 8-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
SM4402 SILICONMITUS-SM4402 Datasheet
263Kb / 1P
   Notebook and Tablet LCD Panel Level-shifter with 13-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com