전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2306DS 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2306DS
상세설명  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2306DS 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2306DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2306DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2306DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2306DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Electrical Characteristics Ta = 25
ti
n
U
x
a
M
p
y
T
n
i
M
s
n
o
ti
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Drain-source breakdown voltage
V(BR)DSS VGS = 0 V, ID = 250 uA
30
V
e
g
a
tl
o
v
d
l
o
h
s
e
r
h
t
e
t
a
G
GS(th)
VDS = VGS, ID = 250 uA
1
I
e
g
a
k
a
e
l
y
d
o
b
-
e
t
a
G
GSS
VDS = 0 V, VGS =
20 V
100
nA
VDS = 30V, VGS
5
.
0
V
0
=
VDS =30V, VGS = 0 V, TJ = 55
10
VDS
4.5 V, VGS = 10 V
6
VDS
4.5 V, VGS = 4.5 V
4
VGS = 10 V, ID
7
5
0
.
0
6
4
0
.
0
A
5
.
3
=
VGS =4.5 V, ID
4
9
0
.
0
0
7
0
.
0
A
8
.
2
=
g
e
c
n
a
t
c
u
d
n
o
c
s
n
a
rt
d
r
a
w
r
o
F
fs
VDS =4.5 V, ID
S
9
.
6
A
5
.
3
=
V
e
g
a
tl
o
v
d
r
a
w
r
o
f
e
d
o
i
D
SD
IS = 1.25 A, VGS
V
2
.
1
8
.
0
V
0
=
Q
*
e
g
r
a
h
c
e
t
a
g
g
VDS = 15V ,VGS =5V , ID= 3.5 A
4.2
7
nC
Q
*
e
g
r
a
h
c
e
t
a
g
l
a
t
o
T
gt
8.5
Q
*
e
g
r
a
h
c
e
c
r
u
o
s
-
e
t
a
G
gs
1.9
Q
*
e
g
r
a
h
c
n
i
a
r
d
-
e
t
a
G
gd
1.35
4
.
2
5
.
0
g
R
e
c
n
a
t
s
i
s
e
R
e
t
a
G
C
*
e
c
n
a
ti
c
a
p
a
c
t
u
p
n
I
iss
555
C
*
e
c
n
a
ti
c
a
p
a
c
t
u
p
t
u
O
oss
120
C
*
e
c
n
a
ti
c
a
p
a
c
r
e
f
s
n
a
rt
e
s
r
e
v
e
R
rss
60
td(on)
9
20
tr
7.5
18
td(off)
17
35
tf
5.2
12
* Pulse test: PW
300 us duty cycle
2%.
V
Turn-off time
Turn-on time
I
t
n
e
rr
u
c
n
i
a
r
d
e
t
a
t
s
-
n
O
D(on)
I
t
n
e
rr
u
c
n
i
a
r
d
e
g
a
tl
o
v
e
t
a
g
o
r
e
Z
DSS
uA
Drain-source on-state resistance
rDS(on)
A
ns
VDS = 15V ,VGS = 10 V , ID= 3.5 A
VDS = 15V ,VGS = 0 , f = 1 MHz
VDD = 15V , RL = 15 ,
ID = 1A , VGEN =-10V , RG = 6
pF
nC
20
MOSFET
Marking
Marking
A6*
Ω
Ω
Ω
Ω
SI2306DS (KI2306DS)
3


유사한 부품 번호 - SI2306DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2306DS VISHAY-SI2306DS Datasheet
57Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Sep-03
logo
Guangdong Kexin Industr...
SI2306DS-3 KEXIN-SI2306DS-3 Datasheet
1Mb / 4P
   N-Channel 30-V (D-S) MOSFET
SI2306DS-HF KEXIN-SI2306DS-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
SI2306DS-HF-3 KEXIN-SI2306DS-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Vishay Siliconix
SI2306DS-T1 VISHAY-SI2306DS-T1 Datasheet
57Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Sep-03
More results

유사한 설명 - SI2306DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com