전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2314EDS 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2314EDS
상세설명  N-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2314EDS 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2314EDS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel Enhancement MOSFET
SI2314EDS (KI2314EDS)
Features
VDS (V) = 20V
ID = 4.9 A (VGS = 4.5V)
RDS(ON) < 33mΩ (VGS = 4.5V)
RDS(ON) < 40mΩ (VGS = 2.5V)
RDS(ON) < 51mΩ (VGS = 1.8V)
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Gate
2.Source
3.Drain
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
G
S
D
2
3
1
D
S
G
3 k
Symbol
5 sec
Steady State
Unit
VDS
VGS
Ta=25℃
4.9
3.77
Ta=70℃
3.9
3.0
IDM
Avalanche Current
*2
IAS
Single Avalanche Energy
EAS
mJ
Ta=25℃
1.25
0.75
Ta=70℃
0.8
0.48
RthJF
TJ
Tstg
Power Dissipation *1
Thermal Resistance.Junction- to-Ambient *1 t≤5 sec
Steady State
Thermal Resistance.Junction-to-Foot
V
Pulsed Drain Current
*2
A
20
±12
15
15
L=0.1mH
11.25
Parameter
Continuous Drain Current
*1
ID
Drain-Source Voltage
Gate-Source Voltage
/W
Junction Temperature
Storage Temperature Range
50
150
-55 to 150
W
RthJA
100
166
PD
*1 Surface Mounted on 1” x 1” FR4 Board.
*2 Pulse width limited by maximum junction temperature


유사한 부품 번호 - SI2314EDS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2314EDS VISHAY-SI2314EDS Datasheet
41Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 10-Sep-01
Si2314EDS VISHAY-Si2314EDS Datasheet
200Kb / 8P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 02-Feb-09
SI2314EDS VISHAY-SI2314EDS Datasheet
161Kb / 7P
   N-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2314EDS-3 KEXIN-SI2314EDS-3 Datasheet
1Mb / 5P
   N-Channel Enhancement MOSFET
SI2314EDS-HF KEXIN-SI2314EDS-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

유사한 설명 - SI2314EDS

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com