전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSB2336E-GD2 데이터시트(PDF) 3 Page - KODENSHI_AUK CORP.

부품명 SSB2336E-GD2
상세설명  SMD LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SSB2336E-GD2 데이터시트(HTML) 3 Page - KODENSHI_AUK CORP.

  SSB2336E-GD2 Datasheet HTML 1Page - KODENSHI_AUK CORP. SSB2336E-GD2 Datasheet HTML 2Page - KODENSHI_AUK CORP. SSB2336E-GD2 Datasheet HTML 3Page - KODENSHI_AUK CORP. SSB2336E-GD2 Datasheet HTML 4Page - KODENSHI_AUK CORP. SSB2336E-GD2 Datasheet HTML 5Page - KODENSHI_AUK CORP. SSB2336E-GD2 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AUK CORP.
SSB2336E-GD2
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:01-FEB-11
AUK-LDM-001(A)
5. Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
VF
IF= 20mA
2.95
-
3.6
V
*3Luminous intensity
IV
IF= 20mA
170
-
420
mcd
*4Chromaticity
Coordinates
X
IF= 20mA
0.14
-
0.16
-
Y
0.045
-
0.115
-
*5Half angle
1/2
IF= 20mA
-
60
-
deg
*3.The test result of IF=20mA is only for reference
*4.The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram
and represent the perceived color of the device.
*5.
1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
VF / IV Grade Classification (Ta=25℃)
Test Condition @ IF=20mA
Forward Voltage [VF]
Luminous Intensity [mcd]
1 : 2.95~3.2
M : 170~230
2 : 3.2~3.4
N : 230~310
3 : 3.4~3.6
O : 310~420
(Each VF, IV range did not consider a margin. Please refer to ± 0.1V of VF range,
± 18% of IV range as a permitted limit and do not use to combine grade classification.
It must be used separately grade classification)


유사한 부품 번호 - SSB2336E-GD2

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SSB2336E-GD3 KODENSHI-SSB2336E-GD3 Datasheet
235Kb / 6P
   SMD LED
SSB2336E-GD4 KODENSHI-SSB2336E-GD4 Datasheet
300Kb / 6P
   SMD LED
More results

유사한 설명 - SSB2336E-GD2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com