전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4001BCPZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADF4001BCPZ
상세설명  200 MHz Clock Generator PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4001BCPZ 데이터시트(HTML) 3 Page - Analog Devices

  ADF4001BCPZ Datasheet HTML 1Page - Analog Devices ADF4001BCPZ Datasheet HTML 2Page - Analog Devices ADF4001BCPZ Datasheet HTML 3Page - Analog Devices ADF4001BCPZ Datasheet HTML 4Page - Analog Devices ADF4001BCPZ Datasheet HTML 5Page - Analog Devices ADF4001BCPZ Datasheet HTML 6Page - Analog Devices ADF4001BCPZ Datasheet HTML 7Page - Analog Devices ADF4001BCPZ Datasheet HTML 8Page - Analog Devices ADF4001BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REV.
–3–
ADF4001
TIMING CHARACTERISTICS
Limit at
TMIN to TMAX
Parameter
(B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Setup Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Setup Time
t6
20
ns min
LE Pulsewidth
Guaranteed by design but not production tested.
Specifications subject to change without notice.
(AVDD = DVDD = 3 V
10%, 5 V
10%; AVDD
≤ VP ≤ 6.0 V ; AGND = DGND = CPGND= 0 V;
RSET = 4.7 k ; TA = TMIN to TMAX, unless otherwise noted; dBm referred to 50
.)
t1
t2
t3
t4
t6
t5
DB20
(MSB)
DB19
DB2
DB1
(CONTROL BIT C2)
CLOCK
DATA
LE
LE
DB0 (LSB)
(CONTROL BIT C1)
Figure 1. Timing Diagram
ABSOLUTE MAXIMUM RATINGS
1, 2
(T
A = 25
°C, unless otherwise noted.)
AVDD to GND
3
. . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +0.3 V
VP to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VP to AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +5.5 V
Digital I/O Voltage to GND . . . . . . . . . –0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND . . . . . . . . . . –0.3 V to VP + 0.3 V
REFIN, RFINA, RFINB to GND . . . . . . . –0.3 V to VDD + 0.3 V
RFINA to RFINB . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±
mV
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . 150
°C
TSSOP
θJA Thermal Impedance . . . . . . . . . . . . . . 150.4°C/W
LFCSP
θJA Thermal Impedance (Paddle Soldered) . . 122°C/W
LFCSP
θ
JA Thermal Impedance (Paddle Not Soldered)
216
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2This device is a high performance RF integrated circuit with an ESD rating of
<2 k
Ω and it is ESD sensitive. Proper precautions should be taken for handling and
assembly.
3GND = AGND = DGND = 0 V.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADF4001 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
B
600


유사한 부품 번호 - ADF4001BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BCPZ-RL AD-ADF4001BCPZ-RL Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BCPZ-RL7 AD-ADF4001BCPZ-RL7 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

유사한 설명 - ADF4001BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
   LOCO??PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com