전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4113HVBRUZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADF4113HVBRUZ
상세설명  High Voltage Charge Pump, PLL Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4113HVBRUZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADF4113HVBRUZ Datasheet HTML 5Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 6Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 7Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 8Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 9Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 10Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 11Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 12Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADF4113HV
Rev. B | Page 9 of 20
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 14. SW1 and SW2
are normally closed switches (NC in Figure 14). SW3 is normally
open (NO in Figure 14). When power-down is initiated, SW3 is
closed and SW1 and SW2 are opened. This ensures that there is
no loading of the REFIN pin on power-down.
BUFFER
TO R COUNTER
REFIN
100kΩ
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
Figure 14. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 15. It is followed by a
two-stage limiting amplifier to generate the current-mode logic
(CML) clock levels needed for the prescaler.
AVDD
AGND
500Ω
500Ω
1.6V
BIAS
GENERATOR
RFINA
RFINB
Figure 15. RF Input Stage
PRESCALER (P/P + 1)
Together with the A and B counters, the dual-modulus prescaler
(P/P + 1) enables the large division ratio, N, to be realized by
N = BP + A
The dual-modulus prescaler, operating at CML levels, takes the
clock from the RF input stage and divides it down to a manageable
frequency for the CMOS A and CMOS B counters. The pre-
scaler is programmable; it can be set in software to 8/9, 16/17,
32/33, or 64/65. It is based on a synchronous 4/5 core.
A AND B COUNTERS
The A and B CMOS counters combine with the dual-modulus
prescaler to allow a wide ranging division ratio in the PLL
feedback counter. The counters are specified to work when the
prescaler output is 200 MHz or less (for AVDD = 5 V). Thus,
with an RF input frequency of 2.5 GHz, a prescaler value of
16/17 is valid but a value of 8/9 is not.
Pulse Swallow Function
The A and B counters, in conjunction with the dual-modulus
prescaler, make it possible to generate output frequencies that
are spaced only by the reference frequency divided by R. The
equation for the VCO frequency is
fVCO = [(P × B) + A]fREFIN/R
where:
fVCO = output frequency of external voltage controlled
oscillator (VCO).
P = preset modulus of dual-modulus prescaler.
B = preset divide ratio of binary 13-bit counter (3 to 8191).
A = preset divide ratio of binary 6-bit swallow counter (0 to 63).
fREFIN = output frequency of the external reference frequency
oscillator.
R = preset divide ratio of binary 14-bit programmable reference
counter (1 to 16,383).
13-BIT B
COUNTER
6-BIT A
COUNTER
PRESCALER
P/P + 1
FROM RF
INPUT STAGE
MODULUS
CONTROL
N= BP + A
LOAD
LOAD
TO PFD
Figure 16. A and B Counters
R COUNTER
The 14-bit R counter allows the input reference frequency to be
divided down to produce the reference clock to the phase fre-
quency detector (PFD). Division ratios from 1 to 16,383 are
allowed.


유사한 부품 번호 - ADF4113HVBRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4113HVBRUZ AD-ADF4113HVBRUZ Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
ADF4113HVBRUZ-RL AD-ADF4113HVBRUZ-RL Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
ADF4113HVBRUZ-RL7 AD-ADF4113HVBRUZ-RL7 Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
More results

유사한 설명 - ADF4113HVBRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4113HV AD-ADF4113HV Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
   High Voltage 1.5x Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com