전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4193 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADF4193
상세설명  Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4193 데이터시트(HTML) 3 Page - Analog Devices

  ADF4193_15 Datasheet HTML 1Page - Analog Devices ADF4193_15 Datasheet HTML 2Page - Analog Devices ADF4193_15 Datasheet HTML 3Page - Analog Devices ADF4193_15 Datasheet HTML 4Page - Analog Devices ADF4193_15 Datasheet HTML 5Page - Analog Devices ADF4193_15 Datasheet HTML 6Page - Analog Devices ADF4193_15 Datasheet HTML 7Page - Analog Devices ADF4193_15 Datasheet HTML 8Page - Analog Devices ADF4193_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADF4193
Rev. F | Page 3 of 32
SPECIFICATIONS
AVDD = DVDD = SDVDD = 3 V ± 10%, VP1, VP2 = 5 V ± 10%, VP3 = 5.35 V ± 5%, AGND = DGND = GND = 0 V, RSET = 2.4 kΩ, dBm
referred to 50 Ω, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
B Version1
CVersion2
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency (RFIN)
0.4/3.5
0.4/3.5
GHz min/max
See Figure 21 for input circuit
RF Input Sensitivity
−10/0
−10/0
dBm min/max
Maximum Allowable Prescaler
Output Frequency3
470
470
MHz max
REFIN CHARACTERISTICS
REFIN Input Frequency
10/300
10/300
MHz min/max
For f > 120 MHz, set REF/2 bit = 1. For f <
10 MHz, use a dc-coupled square wave
REFIN Edge Slew Rate
300
300
V/µs min
REFIN Input Sensitivity
0.7/VDD
0.7/VDD
V p-p min/max
AC-coupled
0 to VDD
0 to VDD
V max
CMOS-compatible
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency
26
30
MHz max
CHARGE PUMP
ICP Up/Down
High Value
6.6
6.6
mA typ
With RSET = 2.4 kΩ
Low Value
104
104
µA typ
With RSET = 2.4 kΩ
Absolute Accuracy
5
5
% typ
RSET Range
1/4
1/4
kΩ min/max
Nominally RSET = 2.4 kΩ
ICP Three-State Leakage
1
1
nA typ
ICP Up vs. Down Matching
0.1
0.1
% typ
0.75 V ≤ VCP ≤ VP – 1.5 V
ICP vs. VCP
1
1
% typ
0.75 V ≤ VCP ≤ VP – 1.5 V
ICP vs. Temperature
1
1
% typ
0.75 V ≤ VCP ≤ VP – 1.5 V
DIFFERENTIAL AMPLIFIER
Input Current
1
1
nA typ
Output Voltage Range
1.4/(VP3 − 0.3)
1.4/(VP3 − 0.3)
V min/max
VCO Tuning Range
1.8/(VP3 − 0.8)
1.8/(VP3 − 0.8)
V min/max
Output Noise
7
7
nV/√Hz typ
At 20 kHz offset
LOGIC INPUTS
VIH, Input High Voltage
1.4
1.4
V min
VIL, Input Low Voltage
0.7
0.7
V max
IINH, IINL, Input Current
±1
±2
µA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
VDD − 0.4
VDD − 0.4
V min
IOH = 500 µA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500 µA
POWER SUPPLIES
AVDD
2.7/3.3
2.7/3.3
V min/V max
DVDD
AVDD
AVDD
VP1, VP2
4.5/5.5
4.5/5.5
V min/V max
AVDD ≤ VP1, VP2 ≤ 5.5 V
VP3
5.0/5.65
5.0/5.65
V min/V max
VP1, VP2 ≤ VP3 ≤ 5.65 V
IDD (AVDD + DVDD + SDVDD)
27
35
mA max
22 mA typ
IDD (VP1 + VP2)
27
30
mA max
22 mA typ
IDD (VP3)
30
35
mA max
24 mA typ
IDD Power-Down
10
10
µA typ


유사한 부품 번호 - ADF4193_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4193BCPZ AD-ADF4193BCPZ Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
ADF4193BCPZ-RL AD-ADF4193BCPZ-RL Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
ADF4193BCPZ-RL7 AD-ADF4193BCPZ-RL7 Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
More results

유사한 설명 - ADF4193_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4193 AD-ADF4193 Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4196 AD-ADF4196 Datasheet
599Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz
REV. B
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
   FAST SETTLING SYNTHESIZER
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
BOWEI Integrated Circui...
MPS3500BL-100M BOWEI-MPS3500BL-100M Datasheet
115Kb / 1P
   Low phase noise fixed frequency synthesizer
logo
NXP Semiconductors
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
   Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com