전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4211 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADF4211
상세설명  Dual RF/IF PLL Frequency Synthesizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4211 데이터시트(HTML) 4 Page - Analog Devices

  ADF4211_15 Datasheet HTML 1Page - Analog Devices ADF4211_15 Datasheet HTML 2Page - Analog Devices ADF4211_15 Datasheet HTML 3Page - Analog Devices ADF4211_15 Datasheet HTML 4Page - Analog Devices ADF4211_15 Datasheet HTML 5Page - Analog Devices ADF4211_15 Datasheet HTML 6Page - Analog Devices ADF4211_15 Datasheet HTML 7Page - Analog Devices ADF4211_15 Datasheet HTML 8Page - Analog Devices ADF4211_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. A
ADF4210/ADF4211/ADF4212/ADF4213
–4–
DB0 (LSB)
(CONTROL BIT C1)
CLOCK
DATA
LE
LE
DB20
(MSB)
DB19
DB2
DB1
(CONTROL BIT C2)
t6
t5
t1
t2
t3
t4
Figure 1. Timing Diagram
TIMING CHARACTERISTICS
Limit at
TMIN to TMAX
Parameter
(B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Set-Up Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Set-Up Time
t6
20
ns min
LE Pulsewidth
NOTES
Guaranteed by design but not production tested.
Specifications subject to change without notice.
(VDD1 = VDD2 = 3 V
10%, 5 V
10%; VDD1, VDD2
≤ VP1, VP2 ≤ 6 V
10%; AGNDRF = DGNDRF
= AGNDIF = DGNDIF = 0 V; TA = TMIN to TMAX unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
°C unless otherwise noted)
VDD1 to GND
3
. . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD1 to VDD2 . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
VP1, VP2 to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VP1, VP2 to VDD1 . . . . . . . . . . . . . . . . . . . . –0.3 V to +5.5 V
Digital I/O Voltage to GND . . . . . . –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to GND . . . . . . . . . –0.3 V to VP + 0.3 V
REFIN, RFINA, RFINB,
IFINA, IFINB to GND . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
TSSOP
θ
JA Thermal Impedance
. . . . . . . . . . . . . 150.4
°C/W
CSP
θJA (Paddle Soldered) . . . . . . . . . . . . . . . . . . . 122°C/W
CSP
θJA (Paddle Not Soldered) . . . . . . . . . . . . . . . . 216°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2This device is a high-performance RF integrated circuit with an ESD rating of
< 2 kV and it is ESD sensitive. Proper precautions should be taken for handling
and assembly.
3GND = AGND = DGND = 0 V.
TRANSISTOR COUNT
11749 (CMOS) and 522 (Bipolar).
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
*
ADF4210BRU
–40
°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADF4210BCP
–40
°C to +85°C
Chip Scale Package
CP-20
ADF4211BRU
–40
°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADF4211BCP
–40
°C to +85°C
Chip Scale Package
CP-20
ADF4212BRU
–40
°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADF4212BCP
–40
°C to +85°C
Chip Scale Package
CP-20
ADF4213BRU
–40
°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADF4213BCP
–40
°C to +85°C
Chip Scale Package
CP-20
*Contact the factory for chip availability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADF4210/ADF4211/ADF4212/ADF4213 features proprietary ESD protection circuitry, per-
manent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


유사한 부품 번호 - ADF4211_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4211BCP AD-ADF4211BCP Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4211BRU AD-ADF4211BRU Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
More results

유사한 설명 - ADF4211_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4218 AD-ADF4218 Datasheet
227Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com