전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2111 데이터시트(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SK2111
상세설명  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2111 데이터시트(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2111_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK2111_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK2111_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
N-Channel MOSFET
2SK2111
Typical Characterisitics
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
1
0.5
0.01
0.1
1
10
ID - Drain Current - A
SWITCHING CHARACTERISTICS
100
10
0.05
0.2
1
5
ID - Drain Current - A
1
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. GATE TO SOURCE VOLTAGE
1
0.5
0
5
10
20
VGS - Gate to Source Voltage - V
ID = 0.5 A
TA = 75 ˚C
25 ˚C
–25 ˚C
0
VGS = 10 V
15
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
500
50
0.1
0.5
10
100
VDS - Drain to Source Voltage - V
VGS = 0
f = 1 MHz
20
50
0.2
1
2
5
200
100
20
10
Ciss
Coss
Crss
50
20
2
5
0.1
0.5
2
VDD = 25 V
VGS(on) = 10 V
td(on)
tr
tf
td(off)
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1
0.01
0.2
0.4
0.7
1
VSD - Source to Drain Voltage - V
0.8 0.9
0.3
0.5 0.6
0.1
0.001
0.0001


유사한 부품 번호 - 2SK2111_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SK2111-HF KEXIN-2SK2111-HF Datasheet
1Mb / 3P
   N-Channel MOSFET
More results

유사한 설명 - 2SK2111_15

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com