전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB09P03E3-0-UB-X 데이터시트(PDF) 3 Page - Cystech Electonics Corp.

부품명 MTB09P03E3-0-UB-X
상세설명  P-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09P03E3-0-UB-X 데이터시트(HTML) 3 Page - Cystech Electonics Corp.

  MTB09P03E3-0-UB-X Datasheet HTML 1Page - Cystech Electonics Corp. MTB09P03E3-0-UB-X Datasheet HTML 2Page - Cystech Electonics Corp. MTB09P03E3-0-UB-X Datasheet HTML 3Page - Cystech Electonics Corp. MTB09P03E3-0-UB-X Datasheet HTML 4Page - Cystech Electonics Corp. MTB09P03E3-0-UB-X Datasheet HTML 5Page - Cystech Electonics Corp. MTB09P03E3-0-UB-X Datasheet HTML 6Page - Cystech Electonics Corp. MTB09P03E3-0-UB-X Datasheet HTML 7Page - Cystech Electonics Corp. MTB09P03E3-0-UB-X Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C808E3
Issued Date : 2014.12.22
Revised Date :
Page No. : 3/8
MTB09P03E3
CYStek Product Specification
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-30
-
-
V
VGS=0V, ID=-250μA
∆BVDSS/∆Tj
-
-22
-
mV/°C
Reference to 25°C, ID=-250μA
VGS(th)
-1.0
-
-2.5
V
VDS = VGS, ID=-250μA
GFS
-
37
-
S
VDS =-5V, ID=-25A
IGSS
-
-
±
100
nA
VGS=±20V
-
-
-1
VDS =-30V, VGS =0V
IDSS
-
-
-25
μA
VDS =-24V, VGS =0V, Tj=125
°C
-
6.7
9
VGS =-10V, ID=-25A
*RDS(ON)
-
10.2
17
VGS =-4.5V, ID=-10A
Dynamic
*Qg
-
66
-
*Qgs
-
12.7
-
*Qgd
-
11.4
-
nC
ID=-25A, VDS=-24V, VGS=-10V
*td(ON)
-
16
-
*tr
-
16.4
-
*td(OFF)
-
92.8
-
*tf
-
27.2
-
ns
VDS=-15V, ID=-25A, VGS=-10V,
RG=3.3Ω
Ciss
-
3628
-
Coss
-
356
-
Crss
-
34
-
pF
VGS=0V, VDS=-25V, f=1MHz
Rg
-
6.3
-
Ω
f=1MHz
Source-Drain Diode
*IS
-
-
-75
*ISM
-
-
-300
A
*VSD
-
-0.88
-1.2
V
IS=-25A, VGS=0V
*trr
-
17.5
-
ns
*Qrr
-
8.0
-
nC
IF=-25A, VGS=0V, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


유사한 부품 번호 - MTB09P03E3-0-UB-X

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB09P03J3 CYSTEKEC-MTB09P03J3 Datasheet
284Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB09P03E3-0-UB-X

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com