전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTBA6C12Q8-0-T3-G 데이터시트(PDF) 4 Page - Cystech Electonics Corp.

부품명 MTBA6C12Q8-0-T3-G
상세설명  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C12Q8-0-T3-G 데이터시트(HTML) 4 Page - Cystech Electonics Corp.

  MTBA6C12Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C973Q8
Issued Date : 2014.09.23
Revised Date :
Page No. : 4/12
MTBA6C12Q8
CYStek Product Specification
Typical Characteristics : Q1( N-channel )
Typical Output Characteristics
0
2
4
6
8
10
012
345
VDS, Drain-Source Voltage(V)
VGS=2.5V
10V, 9V, 8V, 7V, 6V, 5V,4V,3.5V,3V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=2.5V
VGS=3V
VGS=4.5V
10V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02468
1
IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
50
100
150
200
250
300
350
400
450
500
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.8
1.2
1.6
2
2.4
2.8
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
VGS=10V, ID=2A
RDS(ON)@Tj=25°C : 178mΩ typ.
VGS, Gate-Source Voltage(V)
ID=2A


유사한 부품 번호 - MTBA6C12Q8-0-T3-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
701Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8_16 Datasheet
701Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12J4 CYSTEKEC-MTBA6C12J4 Datasheet
437Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTBA6C12Q8-0-T3-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com