전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTBA6C15Q8-0-T3-G 데이터시트(PDF) 3 Page - Cystech Electonics Corp.

부품명 MTBA6C15Q8-0-T3-G
상세설명  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C15Q8-0-T3-G 데이터시트(HTML) 3 Page - Cystech Electonics Corp.

  MTBA6C15Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C938Q8
Issued Date : 2014.12.01
Revised Date :
Page No. : 3/12
MTBA6C15Q8
CYStek Product Specification
*td(ON)
-
6.4
-
*tr
-
16.4
-
*td(OFF)
-
59.6
-
*tf
-
60
-
ns
VDS=75V, ID=1A, VGS=10V, RG=6Ω
*Qg
-
13.4
-
*Qgs
-
1.6
-
*Qgd
-
3.5
-
nC
VDS=120V, ID=1.8A, VGS=10V
Body Diode
*IS
-
-
1.8
*ISM
-
-
10
A
*VSD
-
0.79
1.3
V
VGS=0V, IS=1.8A
trr *
-
28
-
ns
Qrr *
-
37
-
nC
IF=1.8A, dIF/dt=100A/μs
P-Channel Electrical Characteristics (Tc=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-150
-
-
V
VGS=0V, ID=-250μA
∆BVDSS/∆Tj
-
-0.12
-
V/
°C
Reference to 25
°C, ID=-250μA
VGS(th)
-1.3
-
-2.3
V
VDS=VGS, ID=-250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0V
-
-
-1
VDS=-120V, VGS=0V
IDSS
-
-
-10
μA
VDS=-120V, VGS=0, Tj=55
°C
-
259
340
ID=-1.5A, VGS=-10V
*RDS(ON)
-
277
370
m
Ω
ID=-1A, VGS=-4.5V
*GFS
-
5.8
-
S
VDS=-10V, ID=-1.5A
Dynamic
Ciss
-
1053
-
Coss
-
67
-
Crss
-
36
-
pF
VDS=-25V, VGS=0, f=1MHz
*td(ON)
-
9
-
*tr
-
17.6
-
*td(OFF)
-
55.4
-
*tf
-
544
-
ns
VDS=-75V, ID=-1A, VGS=-10V, RG=6Ω
*Qg
-
25
-
*Qgs
-
3
-
*Qgd
-
6.3
-
nC
VDS=-120V, ID=-1.5A, VGS=-10V
Body Diode
*IS
-
-
-1.5
*ISM
-
-
-8
A
*VSD
-
-0.76
-1.3
V
VGS=0V, IS=-1.5A
trr *
-
29
-
ns
Qrr *
-
36
-
nC
IF=1.5A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


유사한 부품 번호 - MTBA6C15Q8-0-T3-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTBA6C15H8 CYSTEKEC-MTBA6C15H8 Datasheet
693Kb / 14P
   N- And P-Channel Enhancement Mode MOSFET
MTBA6C15J4 CYSTEKEC-MTBA6C15J4 Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
MTBA6C15J4-0-T3-G CYSTEKEC-MTBA6C15J4-0-T3-G Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTBA6C15Q8-0-T3-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com