전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTBA6C15Q8-0-T3-G 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 MTBA6C15Q8-0-T3-G
상세설명  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C15Q8-0-T3-G 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  MTBA6C15Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C15Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C938Q8
Issued Date : 2014.12.01
Revised Date :
Page No. : 1/12
MTBA6C15Q8
CYStek Product Specification
N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8
N-CH
P-CH
BVDSS
150V
-150V
ID @ TA=25°C, VGS=10V(-10V)
1.8A
-1.5A
ID @ TA=70°C, VGS=10V(-10V)
1.5A
-1.3A
ID @ TC=25°C, VGS=10V(-10V)
3.2A
-2.6A
ID @ TC=100°C, VGS=10V(-10V)
2.3A
-1.8A
RDSON(typ.) @VGS=(-)10V
169 mΩ 259 mΩ
RDSON(typ.) @VGS=(-)4.5V
Features
176 mΩ 277 mΩ
• Simple drive requirement
• Low on-resistance
• Fast switching speed
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTBA6C15Q8-0-T3-G
SOP-8
(Pb-free lead plating & halogen-free package)
2500 pcs / Tape & Reel
MTBA6C15Q8
SOP-8
G:Gate S:Source D:Drain
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


유사한 부품 번호 - MTBA6C15Q8-0-T3-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTBA6C15H8 CYSTEKEC-MTBA6C15H8 Datasheet
693Kb / 14P
   N- And P-Channel Enhancement Mode MOSFET
MTBA6C15J4 CYSTEKEC-MTBA6C15J4 Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
MTBA6C15J4-0-T3-G CYSTEKEC-MTBA6C15J4-0-T3-G Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTBA6C15Q8-0-T3-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com