전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA2039J3-0-T3-G 데이터시트(PDF) 3 Page - Cystech Electonics Corp.

부품명 BTA2039J3-0-T3-G
상세설명  PNP Epitaxial Planar Silicon Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA2039J3-0-T3-G 데이터시트(HTML) 3 Page - Cystech Electonics Corp.

  BTA2039J3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. BTA2039J3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. BTA2039J3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. BTA2039J3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. BTA2039J3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. BTA2039J3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. BTA2039J3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C157J3
Issued Date : 2014.12.03
Revised Date : 2014.12.04
Page No. : 3/7
BTA2039J3
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.5
012
3456
-VCE, Collector-to-Emitter Voltage(V)
IB=-100uA
IB=-200uA
IB=-300uA
IB=-1mA
IB=-500uA
Emitter Grounded Output Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
01
2
34
5
6
-VCE, Collector-to-Emitter Voltage(V)
IB=-500uA
IB=-1mA
IB=-1.5mA
IB=-5mA
IB=-2.5mA
Emitter Grounded Output Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
01
2
3
45
6
-VCE, Collector-to-Emitter Voltage(V)
IB=-2mA
IB=-4mA
IB=-6mA
IB=-20mA
IB=-10mA
Emitter Grounded Output Characteristics
0
1
2
3
4
5
6
0123456
-VCE, Collector-to-Emitter Voltage(V)
IB=-5mA
IB=-10mA
IB=-50mA
IB=-25mA
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
-40°C
0°C
125°C
VCE=-1V
75°
25°C
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
-40°C
0°C
125°C
VCE=-2V
75°C
25°C


유사한 부품 번호 - BTA2039J3-0-T3-G

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
BTA203-800CT WEEN-BTA203-800CT Datasheet
400Kb / 12P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA2039J3-0-T3-G

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com