전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB060N15J3 데이터시트(PDF) 3 Page - Cystech Electonics Corp.

부품명 MTB060N15J3
상세설명  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB060N15J3 데이터시트(HTML) 3 Page - Cystech Electonics Corp.

  MTB060N15J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB060N15J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB060N15J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB060N15J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB060N15J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB060N15J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB060N15J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB060N15J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB060N15J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C970J3
Issued Date : 2014.06.14
Revised Date : 2014.06.16
Page No. : 3/9
MTB060N15J3
CYStek Product Specification
-
-
1
VDS =150V, VGS =0V
IDSS
-
-
25
μA
VDS =150V, VGS =0, Tj=55
°C
-
59
75
VGS =10V, ID=4A
RDS(ON) *1
-
60
80
VGS =4.5V, ID=2A
Dynamic
Qg *1, 2
-
28
-
Qgs *1, 2
-
5.1
-
Qgd *1, 2
-
10.7
-
nC
ID=16A, VDS=120V, VGS=4.5V
td(ON) *1, 2
-
12
-
tr
*1, 2
-
15
-
td(OFF) *1, 2
-
70
-
tf *1, 2
-
100
-
ns
VDS=75V, ID=16A, VGS=10V, RG=6Ω
Ciss
-
1957
-
Coss
-
111
-
Crss
-
53
-
pF
VGS=0V, VDS=30V, f=1MHz
Rg
-
1.3
-
Ω
VGS=15mV,VDS=0, f=1MHz
Source-Drain Diode
IS *1
-
-
16
ISM *3
-
-
48
A
VSD *1
-
0.75
1.2
V
IS=4A, VGS=0V
trr
-
61
-
ns
Qrr
-
150
-
nC
IF=14A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
Recommended soldering footprint


유사한 부품 번호 - MTB060N15J3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB060N06I3 CYSTEKEC-MTB060N06I3 Datasheet
314Kb / 8P
   N -Channel Enhancement Mode Power MOSFET
MTB060N06I3-0-UA-G CYSTEKEC-MTB060N06I3-0-UA-G Datasheet
314Kb / 8P
   N -Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB060N15J3

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com