전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF540NS 데이터시트(PDF) 6 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 IRF540NS
상세설명  N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRF540NS 데이터시트(HTML) 6 Page - Guangdong Kexin Industrial Co.,Ltd

  IRF540NS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRF540NS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRF540NS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRF540NS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRF540NS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd IRF540NS Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMD Type
www.kexin.com.cn
6
MOSFET
N-Channel MOSFET
IRF540NS (KRF540NS)
Typical Characterisitics
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple ≤5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
V GS =10V
V DD
ISD
Driver Gate Drive
D.U.T. I
SD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
For N-channel HEXFET® power MOSFETs


유사한 부품 번호 - IRF540NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF540NS IRF-IRF540NS Datasheet
125Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF540NS IRF-IRF540NS Datasheet
274Kb / 10P
   HEXFET짰 Power MOSFET
logo
Kersemi Electronic Co.,...
IRF540NS KERSEMI-IRF540NS Datasheet
1Mb / 10P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF540NS ISC-IRF540NS Datasheet
188Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF540NSPBF IRF-IRF540NSPBF Datasheet
284Kb / 11P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRF540NS

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com