전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4056DY 데이터시트(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI4056DY
상세설명  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI4056DY 데이터시트(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI4056DY Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI4056DY Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI4056DY Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI4056DY Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI4056DY Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel MOSFET
SI4056DY (KI4056DY)
Typical Characterisitics
Source-Drain Diode Forward Voltage
Threshold Voltage
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
- 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (°C)
I
D = 250 µA
I
D = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.03
0.06
0.09
0.12
0.15
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 125
°C
TJ = 25
°C
ID = 15 A
0
40
80
120
160
200
0.001
0.01
0.1
1
10
Time (s)
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on)
100 ms
Limited by R
DS(on)*
1 ms
I
DM Limited
T
A = 25 °C
Single Pulse
BVDSS Limited
10 ms
10 s
1 s
DC
I
D Limited
Current Derating*
0
3
6
9
12
15
0
25
50
75
100
125
150
TC - Case Temperature (°C)


유사한 부품 번호 - SI4056DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4056DY VISHAY-SI4056DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 21-May-12
logo
Vishay Telefunken
SI4056DY TFUNK-SI4056DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SI4056DY DOINGTER-SI4056DY Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
SI4056DY-HF KEXIN-SI4056DY-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
logo
Vishay Siliconix
SI4056DY-T1-GE3 VISHAY-SI4056DY-T1-GE3 Datasheet
215Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4056DY

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com